Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC815 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC815
Description  High Sensitivity, High Density Mounting Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC815 Datasheet(HTML) 2 Page - Sharp Corporation

  PC815 Datasheet HTML 1Page - Sharp Corporation PC815 Datasheet HTML 2Page - Sharp Corporation PC815 Datasheet HTML 3Page - Sharp Corporation PC815 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PC815 Series
*1 Pulse width<=100
µ s, Duty ratio : 0.001
*3 For 10 seconds
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Input
V F
-
1.2
1.4
V
V FM
-
-
3.0
V
IR
--
10
µ A
Ct
-
30
250
pF
Output
ICEO
--
10 -6
A
Transfer
charac-
teristics
CTR
600
%
V CE(sat)
-
0.8
1.0
V
5x 10 10
10 11
-
Ω
0.6
1.0
pF
1
6
-
kHz
-
-
60
300
µ s
-
53
250
µ s
s Absolute Maximum Ratings
(Ta = 25˚C )
s Electro-optical Characteristics
(Ta = 25˚C )
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
*1 Peak forward current
I FM
1A
Reverse voltage
V R
6V
Power dissipation
P
70
mW
Output
Collector-emitter voltage
V CEO
35
V
Emitter-collector voltage
V ECO
6V
Collector current
IC
80
mA
Collector power dissipation
P C
150
mW
Total power dissipation
P tot
200
mW
*2 Isolation voltage
V iso
Operating temperature
T opr
- 30 to + 100
˚C
Storage temperature
T stg
- 55 to + 125
˚C
*3Soldering temperature
T sol
260
˚C
Forward voltage
Peak forward voltage
Reverse current
Terminal capacitance
Collector dark current
Current transfer ratio
Collector-emitter saturation voltage
Conditions
IF = 20mA
IFM = 0.5A
V R =4V
V = 0, f = 1kHz
V CE = 10V, I F =0
IF = 1mA, V CE =2V
IF = 20mA, I C = 5mA
V = 0, f = 1MHz
VCE = 2V, I C = 2mA, R L = 100
Ω
V CE = 2V, I C = 10mA, R L = 100
Ω
Isolation resistance
R ISO
Floating capacitance
Cf
Cut-off frequency
fc
Response time
Rise time
t r
Fall time
tf
0
-30
10
0
25
50
75
100
125
20
30
40
50
60
Fig. 1 Forward Current vs.
Ambient Temperature
(˚C)
0
0
125
100
200
50
150
25
50
75
100
Ambient Temperature
-30
(˚C)
Fig. 2 Collector Power Dissipation vs.
5 000
*2 40 to 60% RH, AC for 1 minute
DC500V, 40 to 60% RH
Ambient temperature Ta
Ambient temperature Ta
V rms
-
7 500



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com