Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC815 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC815
Description  High Sensitivity, High Density Mounting Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC815 Datasheet(HTML) 4 Page - Sharp Corporation

  PC815 Datasheet HTML 1Page - Sharp Corporation PC815 Datasheet HTML 2Page - Sharp Corporation PC815 Datasheet HTML 3Page - Sharp Corporation PC815 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
10
10
10
10
20
040
60
80
10
10
100
10
10
Fig. 9 Collector Dark Current vs.
Ambient Temperature
Fig.11 Frequency Response
Frequency f ( kHz )
0
0.05 0.1 0.2
0.5
20
10
5
2
1
50
1k
Ω
100
Ω
100
0.02
Ambient temperature Ta (˚C)
L ( k Ω )
10
20
50
100
1
2
5
200
500
0.1
1
2
0.05
0.2
0.5
Forward current I F ( mA )
0
0
2
4
6
8
1.0
2.0
3.0
4.0
1mA
3mA
7
5
3
1
3.5
2.5
1.5
0.5
5mA
7mA
30mA
50mA
Fig.12 Collector-emitter Saturation Voltage vs.
Forward Current
PC815 Series
Test Circuit for Response Time
VCC
t
tr
ts
90%
10%
td
Output
Input
RL
Input
Output
RD
VCC
RL
Output
RD
Test Circuit for Frepuency Response
Please refer to the chapter
-30
-12
-11
-10
-9
-8
-7
-6
-5
-4
f
RL = 10K Ω
-10
-20
V CE = 10V
V CE =2V
IC = 2mA
Ta = 25˚C
IC = 0.5mA
Ta = 25˚C
t r
t f
t d
ts
V CE =2V
IC = 10mA
Ta = 25˚C
“ Precautions for Use ”
10
Fig.10 Response Time vs. Load Resistance
Load resistance R
q



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com