Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC847 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC847
Description  High Density Mounting Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC847 Datasheet(HTML) 2 Page - Sharp Corporation

  PC847 Datasheet HTML 1Page - Sharp Corporation PC847 Datasheet HTML 2Page - Sharp Corporation PC847 Datasheet HTML 3Page - Sharp Corporation PC847 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
*1 Pulse width <=100
µs, Duty ratio : 0.001
*3 For 10 seconds
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
*1Peak forward current
I FM
1A
Reverse voltage
V R
6V
Power dissipation
P
70
mW
Output
Collector-emitter voltage
V CEO
35
V
Emitter-collector voltage
V ECO
6V
Collector current
IC
50
mA
Collector power dissipation
P C
150
mW
Total power dissipation
P tot
200
mW
*2Isolation voltage
V iso
Operating temperature
T opr
- 30 to + 100
˚C
Storage temperature
T stg
- 55 to + 125
˚C
*3Soldering temperature
T sol
260
˚C
*4 Classification table of current transfer ratio is shown below.
PC817 Series
s Absolute Maximum Ratings
s Electro-optical Characteristics
Model No.
CTR ( % )
PC817A
PC817B
PC817C
PC817D
Rank mark
A
B
C
D
A or B
B or C
C or D
A, B or C
B, C or D
A, B, C or D
80 to 160
130 to 260
200 to 400
300 to 600
80 to 260
130 to 400
200 to 600
80 to 400
130 to 600
80 to 600
50 to 600
A, B, C, D or No mark
0
-25
30
0
25
50
75
100
125
40
50
60
20
10
Fig. 1 Forward Current vs.
Ambient Temperature
Ambient temperature Ta (˚C)
( Ta = 25˚C)
( Ta = 25˚C)
5 000
*2 40 to 60% RH, AC for 1 minute
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 20mA
-
1.2
1.4
V
Peak forward voltage
V FM
IFM = 0.5A
-
-
3.0
V
Reverse current
IR
VR =4V
-
-
10
µ A
Terminal capacitance
Ct
V = 0, f = 1kHz
-
30
250
pF
Output
Collector dark current
ICEO
VCE = 20V
-
-
10 -7
A
Transfer
charac-
teristics
*4Current transfer ratio
CTR
IF = 5mA, V CE = 5V
50
-
600
%
Collector-emitter saturation voltage
V CE(sat)
IF = 20mA, I C = 1mA
-
0.1
0.2
V
Isolation resistance
R ISO
DC500V, 40 to 60% RH
5 x 1010
1011
-
Ω
Floating capacitance
Cf
V = 0, f = 1MHz
-
0.6
1.0
pF
Cut-off frequency
fc
VCE = 5V, I C = 2mA, R L = 100
Ω, - 3dB
-
80
-
kHz
Response time
Rise time
t r
VCE = 2V, I C = 2mA, R L = 100
Ω
-4
18
µ s
-3
18
µ s
Fall time
tf
V rms
PC8 g7AB
PC8 g7BC
PC8 g7CD
PC8 g7AC
PC8 g7BD
PC8 g7AD
PC8 g 7
g : 1 or 2 or 3 or 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com