Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC847 Datasheet (PDF) - Sharp Corporation

PC847 Datasheet PDF - Sharp Corporation
Part # PC847
Download  PC847 Download
File Size   85.32 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Density Mounting Type Photocoupler

PC847 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC847 Datasheet PDF - Sharp Corporation

Part # PC847
Download  PC847 Click to download

File Size   85.32 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Density Mounting Type Photocoupler

PC847 Datasheet (HTML) - Sharp Corporation


PC847 Product details

PC817X Seriescontains an IRED optically coupled to a phototransistor. ( PC817A, PC817B, PC817C, PC817D ) It is packaged in a 4pin DIP, available in wide-lead spacing option and SMT gullwing lead-form option. Input-output isolation voltage(rms) is 5.0kV.Collector-emitter voltage is 80V(*) and CTR is 50% to 600% at input current of 5mA.

PC817: 1-channel type
PC827: 2-channel type
PC837: 3-channel type
PC847: 4-channel type




Similar Part No. - PC847

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC8477B NSC-PC8477B Datasheet
577Kb / 54P
Advanced Floppy Disk Controller
PC8477BV-1 NSC-PC8477BV-1 Datasheet
577Kb / 54P
Advanced Floppy Disk Controller
PC8477BVF-1 NSC-PC8477BVF-1 Datasheet
577Kb / 54P
Advanced Floppy Disk Controller
logo
Sharp Corporation
PC847X SHARP-PC847X Datasheet
254Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
Date Sep. 30. 2003
PC847X7J000F SHARP-PC847X7J000F Datasheet
230Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
More results


Similar Description - PC847

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC818 SHARP-PC818 Datasheet
66Kb / 4P
High Density Mounting Type Photocoupler
PC829 SHARP-PC829 Datasheet
79Kb / 4P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV817 LITEON-LTV817 Datasheet
747Kb / 5P
HIgh Density Mounting Type Photocoupler
LTV-819 LITEON-LTV-819 Datasheet
717Kb / 5P
High Density Mounting Type Photocoupler
logo
SeCoS Halbleitertechnol...
BL817 SECOS-BL817 Datasheet
676Kb / 4P
High Density Mounting Type Photocoupler
BL817S SECOS-BL817S Datasheet
589Kb / 4P
High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-817_V1 TENAND-LTV-817_V1 Datasheet
1Mb / 5P
High Density Mounting Type Photocoupler
LTV-819 TENAND-LTV-819 Datasheet
819Kb / 5P
High Density Mounting Type Photocoupler
logo
Guangdong Kexin Industr...
PC817 KEXIN-PC817 Datasheet
1Mb / 4P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817_V01 Datasheet
698Kb / 5P
High Density Mounting Type Photocoupler
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com