Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC852 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC852
Description  High Collector-emitter Voltage Type Photocouplers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC852 Datasheet(HTML) 2 Page - Sharp Corporation

  PC852 Datasheet HTML 1Page - Sharp Corporation PC852 Datasheet HTML 2Page - Sharp Corporation PC852 Datasheet HTML 3Page - Sharp Corporation PC852 Datasheet HTML 4Page - Sharp Corporation PC852 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PC852 Series /PC853/PC853H
Parameter
Symbol
Rating
Unit
PC853
Input
Forward current
IF
50
50
mA
I FM
11
A
Reverse voltage
V R
66
V
Power dissipation
P
70
70
mW
Output
Collector-emitter voltage
V CEO
300
300
350
V
Emitter-collector voltage
V ECO
0.1
0.1
V
Collector current
IC
150
150
mA
Collector power dissipation
P C
150
300
mW
Total power dissipation
P tot
200
320
mW
V iso
V rms
Operating temperature
T opr
- 30 to + 100
- 30 to + 100
˚C
Storage temperature
T stg
- 55 to + 125
- 55 to + 125
˚C
T sol
260
260
˚C
*3 For 10 seconds
*1Peak forward current
*2Isolation voltage
*3Soldering temperature
s Electro-optical Characteristics
*1 Pulse width<=100
µs, Duty ratio : 0.001
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 10mA
-
1.2
1.4
V
Reverse current
IR
V R =4V
-
-
10
µ A
Terminal capacitance
Ct
V = 0, f = 1kHz
-
30
250
pF
Output
Collector dark current
ICEO
V CE = 200V, I F =0
-
-
2x 10 -7
A
Transfer
charac-
teristics
Current transfer ratio
CTR
IF = 1mA, V CE =2V
%
Collector-emitter
saturation voltage
V CE(sat)
IF = 20mA, I C = 100mA
-
-
1.2
V
Isolation resistance
R ISO
5x 1010
1011
-
Floating capacitance
-
0.6
1.0
pF
Cut-off frequency
fc
VCE = 2V, I C = 20mA, R L = 100
Ω, - 3dB
1
7
-
kHz
Response time
Rise time
t r
V CE = 2V, I C = 20mA
-
100
300
µ s
Fall time
-
20
100
µ s
( Ta = 25˚C)
( Ta = 25˚C)
PC853H
PC852 Series
Cf
t f
s Absolute Maximum Ratings
5 000
5 000
*2 40 to 60% RH, AC for 1 minute
1 000
4 000
15 000
DC500V, 40 to 60% RH
V = 0, f = 1MHz
RL = 100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com