Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC852 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC852
Description  High Collector-emitter Voltage Type Photocouplers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC852 Datasheet(HTML) 5 Page - Sharp Corporation

  PC852 Datasheet HTML 1Page - Sharp Corporation PC852 Datasheet HTML 2Page - Sharp Corporation PC852 Datasheet HTML 3Page - Sharp Corporation PC852 Datasheet HTML 4Page - Sharp Corporation PC852 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2
1
5
10
20
50
100
200
500
0.01
0.1
1
10
Fig.11 Frequency Response
Frequency f ( kHz )
0
0.1
1
10
100
100
Ω 10 Ω
Forward current I F ( mA )
0
0
1
2
3
4
5
12345
10mA
30mA
50mA
70mA
100mA
Fig.12 Collector-emitter Saturation
Voltage vs. Forward Current
PC852 Series/PC853/PC853H
VCE =2V
IC = 20mA
Ta = 25˚C
t r
t f
t d
ts
VCE =2V
IC = 20mA
Ta = 25˚C
Ta = 25˚C
RL =1k Ω
IC = 5mA
1 000
1 000
-25
-20
-15
-10
-5
Please refer to the chapter “ Precautions for Use ”
Fig.10 Response Time vs. Load Resistance
Load resistance R L ( k Ω )
q



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com