Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM15T39AY/CAY Datasheet(PDF) 1 Page - STMicroelectronics

Part # SM15T39AY/CAY
Description  Automotive 1500 W Transil
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM15T39AY/CAY Datasheet(HTML) 1 Page - STMicroelectronics

  SM15T39AY/CAY Datasheet HTML 1Page - STMicroelectronics SM15T39AY/CAY Datasheet HTML 2Page - STMicroelectronics SM15T39AY/CAY Datasheet HTML 3Page - STMicroelectronics SM15T39AY/CAY Datasheet HTML 4Page - STMicroelectronics SM15T39AY/CAY Datasheet HTML 5Page - STMicroelectronics SM15T39AY/CAY Datasheet HTML 6Page - STMicroelectronics SM15T39AY/CAY Datasheet HTML 7Page - STMicroelectronics SM15T39AY/CAY Datasheet HTML 8Page - STMicroelectronics SM15T39AY/CAY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
September 2010
Doc ID 17865 Rev 1
1/12
12
SM15TY
Automotive 1500 W Transil™
Features
■ peak pulse power:
– 1500 W (10/1000 µs)
– 10 kW (8/20 µs)
■ stand-off voltage range: from 15 V to 58 V
■ unidirectional and bidirectional types
■ low leakage current:
– 0.2 µA at 25 °C
– 1 µA at 85 °C
■ operating Tj max: 150 °C
■ high power capability at Tjmax:
– 1250 W (10/1000 µs)
■ JEDEC registered package outline
■ resin meets UL 94, V0
■ AEC qualified
Complies with the following standards
■ IEC 61000-4-2 level 4:
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ ISO10605 - C = 330 pF, R = 330
Ω:
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ ISO 7637-2 (for pulse 1 and 2a, applicable only
to parts with stand-off voltage (VRM) lower than
the average battery voltage: 13.5 V):
– Pulse 1: VS = -100 V
– Pulse 2a: VS = +50 V
– Pulse 3a: VS = -150 V
– Pulse 3b: VS = +100 V
Description
The SM15TY Transil series has been designed to
protect sensitive automotive circuits against
surges defined in ISO7637-2 and against
electrostatic discharges according to IEC 61000-
4-2 and ISO10605.
The Planar technology makes it compatible with
high-end circuits where low leakage current and
high junction temperature are required to provide
reliability and stability over time. SM15TY are
packaged in SMC (SMC footprint in accordance
with IPC 7531 standard).
TM: Transil is a trademark of STMicroelectronics
K
A
Unidirectional
Bidirectional
SMC
(JEDEC DO-214AB)
www.st.com


Similar Part No. - SM15T39AY/CAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T39AY STMICROELECTRONICS-SM15T39AY Datasheet
227Kb / 12P
Automotive 1500 W Transil
27-Mar-2012
More results

Similar Description - SM15T39AY/CAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6TY STMICROELECTRONICS-SM6TY Datasheet
155Kb / 11P
Automotive 600 W Transil
15-Sep-2010
SM15T39CAY STMICROELECTRONICS-SM15T39CAY Datasheet
227Kb / 12P
Automotive 1500 W Transil
27-Mar-2012
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
Automotive 600 W Transil?
27-Mar-2012
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
Automotive 400 W Transil
27-Mar-2012
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
Automotive 400 W Transil
27-Mar-2012
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
Automotive 600 W Transil
27-Mar-2012
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
Automotive 600 W Transil
19-Nov-2014
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
Automotive 600 W Transil
27-Mar-2012
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
Automotive 600 W Transil
19-Nov-2014
SM6T250CAY STMICROELECTRONICS-SM6T250CAY Datasheet
238Kb / 9P
Automotive 600 W Transil
09-Apr-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com