Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM15T39AY/CAY Datasheet(PDF) 5 Page - STMicroelectronics

Part # SM15T39AY/CAY
Description  Automotive 1500 W Transil
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM15T39AY/CAY Datasheet(HTML) 5 Page - STMicroelectronics

  SM15T39AY/CAY Datasheet HTML 1Page - STMicroelectronics SM15T39AY/CAY Datasheet HTML 2Page - STMicroelectronics SM15T39AY/CAY Datasheet HTML 3Page - STMicroelectronics SM15T39AY/CAY Datasheet HTML 4Page - STMicroelectronics SM15T39AY/CAY Datasheet HTML 5Page - STMicroelectronics SM15T39AY/CAY Datasheet HTML 6Page - STMicroelectronics SM15T39AY/CAY Datasheet HTML 7Page - STMicroelectronics SM15T39AY/CAY Datasheet HTML 8Page - STMicroelectronics SM15T39AY/CAY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SM15TY
Characteristics
Doc ID 17865 Rev 1
5/12
Figure 11.
ISO7637-2 pulse 1 response (VS = -100 V)
Figure 9.
Leakage current versus junction
temperature (typical values)
Figure 10.
Peak forward voltage drop versus
peak forward current
(typical values)
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E+04
25
50
75
100
125
150
I (nA)
R
T (°C)
j
0.1
1.0
10.0
100.0
0.0
0.5
1.0
1.5
2.0
2.5
V
(V)
FM
I (A)
FM
T = 25 °C
j
T = 125 °C
j
Voltage (V)
Voltage
-50
10
0
-10
-20
-30
-40
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
-15
5
-5
-10
0
Current
Current (A)
SM15T39AY
SM15T39CAY
SM15T39AY
SM15T39CAY
Time (ms)
Time (ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com