Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6337 Datasheet(PDF) 5 Page - MOSA ELECTRONICS

Part # MS6337
Description  16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6337 Datasheet(HTML) 5 Page - MOSA ELECTRONICS

  MS6337 Datasheet HTML 1Page - MOSA ELECTRONICS MS6337 Datasheet HTML 2Page - MOSA ELECTRONICS MS6337 Datasheet HTML 3Page - MOSA ELECTRONICS MS6337 Datasheet HTML 4Page - MOSA ELECTRONICS MS6337 Datasheet HTML 5Page - MOSA ELECTRONICS MS6337 Datasheet HTML 6Page - MOSA ELECTRONICS MS6337 Datasheet HTML 7Page - MOSA ELECTRONICS MS6337 Datasheet HTML 8Page - MOSA ELECTRONICS MS6337 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MOSA
MS6337
16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier
Plus Stereo Headphone Function
REV 2
5/20
www.mosanalog.com
5V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=5V, VSS=0V, f=1kHz ,RF=24KΩ[refer to Fig. 4], BW<30kHz; Unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
DC Characteristics
VCAP
Voltage at CAP
2.35
2.5
2.65
V
VFS
Full scale output voltage
VFS=0.015775* RF *VDD
VFS-10%
VFS
VFS+10%
V
Audio code 0000H, BTL
6
8
12
IQ
Quiescent current
Audio code 0000H, SE
4.4
5.5
6.6
mA
ISD
Shutdown current
All devices shutdown
11
17
25
uA
SE Mode
3.8
-
-
VHP
Headphone hysteresis point
BTL Mode
-
-
3.2
V
AC Characteristics
Res
Resolution
-
-
16
bits
BTL Mode , RL=8Ω
CAP=1uF, f=200Hz
61
dB
PSRR
Power supply rejection ratio
SE Mode , RL=32Ω
CAP=1uF, f=200Hz
66
dB
CS
Channel separation
SE Mode, RL=32Ω, VFS
90
dB
-64
-60
dB
THD+N
Total harmonic distortion plus
Noise
SE mode, RL=32Ω, VFS
0.062
0.1
%
S/N
Signal-to-noise ratio
SE mode, A-weighting, VFS
86
90
dB
BTL Mode, RL = 4Ω
THD+N = 1%
-
1.8
-
W
BTL Mode, RL = 8Ω
THD+N = 1%
-
1.2
-
W
SE Mode, RL =8Ω
THD+N = 1%
-
300m
-
W
Po
Output power
SE Mode, RL = 32Ω
THD+N = 1%
-
90m
-
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com