Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6337 Datasheet(PDF) 7 Page - MOSA ELECTRONICS

Part # MS6337
Description  16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6337 Datasheet(HTML) 7 Page - MOSA ELECTRONICS

Back Button MS6337 Datasheet HTML 3Page - MOSA ELECTRONICS MS6337 Datasheet HTML 4Page - MOSA ELECTRONICS MS6337 Datasheet HTML 5Page - MOSA ELECTRONICS MS6337 Datasheet HTML 6Page - MOSA ELECTRONICS MS6337 Datasheet HTML 7Page - MOSA ELECTRONICS MS6337 Datasheet HTML 8Page - MOSA ELECTRONICS MS6337 Datasheet HTML 9Page - MOSA ELECTRONICS MS6337 Datasheet HTML 10Page - MOSA ELECTRONICS MS6337 Datasheet HTML 11Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MOSA
MS6337
16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier
Plus Stereo Headphone Function
REV 2
7/20
www.mosanalog.com
2.7V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=2.7V, VSS=0V, f=1kHz, RF=24KΩ[refer to Fig, 4]; Unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
DC Characteristics
VCAP
Voltage at CAP
1.25
1.35
1.45
V
VDC
Output DC level
1.25
1.35
1.45
V
VFS
Full scale output voltage
VFS=0. 015775* RF *VDD
VFS-10%
VFS
VFS+10%
V
Audio code 0000H, BTL
4.5
6
9
mA
IQ
Quiescent current
Audio code 0000H, SE
3.6
4.5
5.4
mA
ISD
Shutdown current
All devices shutdown
5.5
9.2
13.5
uA
SE Mode
1.8
-
-
VHP
Headphone hysteresis point
BTL Mode
-
-
1.5
V
AC Characteristics
-63
-58
dB
THD+N
Total harmonic distortion plus
noise
SE mode, RL=32Ω, VFS
0.07
0.126
%
BTL Mode, RL = 4Ω,
THD+N = 1%
-
0.45
-
W
BTL Mode; RL = 8Ω
THD+N = 1%
-
0.33
-
W
SE Mode; RL = 8Ω
THD+N = 1%
-
85m
-
W
Po
Output power
SE Mode; RL = 32Ω
THD+N = 1%
-
25m
-
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com