Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6336SSGU Datasheet(PDF) 3 Page - MOSA ELECTRONICS

Part # MS6336SSGU
Description  16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6336SSGU Datasheet(HTML) 3 Page - MOSA ELECTRONICS

  MS6336SSGU Datasheet HTML 1Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 2Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 3Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 4Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 5Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 6Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 7Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 8Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
MOSA
MS6336
16-bit Audio DAC integrated Dual 1.6W Power Amplifiers
REV 4
3/21
www.mosanalog.com
ORDERING INFORMATION
Package
Part number
Packaging Marking
Transport Media
16Pin TSSOP (lead free)
MS6336TGTR
MS6336G
2.5k Units Tape and Reel
16Pin TSSOP (lead free)
MS6336TGU
MS6336G
90 Units Tube
20Pin SSOP (lead free)
MS6336SSGTR
MS6336G
2k Units Tape and Reel
20Pin SSOP (lead free)
MS6336SSGU
MS6336G
66 Units Tube
RoHS Compliance
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Supply voltage
6.5
V
VESD
Electrostatic handling
2000
V
TSTG
Storage temperature range
-65 to 150
℃
TA
Operating ambient temperature range
-40 to 85
℃
TJ
Maximum junction temperature
150
℃
TS
Soldering temperature, 10 seconds
260
℃
RTHJA
Thermal resistance from junction to ambient in free air
TSSOP16 (enhanced thermal pad)
SSOP20
51
110
℃/W
OPERATING RATINGS
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply voltage
2.4
5
6.5
V
5V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=5V, VSS=0V, Sampling rate 4fs, fs= 44.1kHz, f=1kHz; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC Characteristics
VCAP
Voltage at CAP
0.5VDD
-0.05
0.5VDD
0.5VDD
+0.05
V
VDC
Output DC level
0.5VDD
-0.05
0.5VDD
0.5VDD
+0.05
V
VFSDAC
Full scale output voltage of DAC
VFS=0.72 * VDD
VFS-1.5%
VFS
VFS+1.5%
V
Audio code 0000H, BTL
-
12.3
-
Audio code 0000H, SE
9.5
L-ch (R-ch) PD, BTL
DAC active
8
IQ
Quiescent current
L-ch (R-ch) PD, SE
DAC active
-
6.5
-
mA
All devices power down
-
-
0.3
IPD
Power down current
All devices power down,
except CAP=1/2 VDD
12
uA
BTL Mode, RL=8Ω, VFS
-
95
-
dB
CS
Channel separation
SE Mode, RL=32Ω, VFS
-
90
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com