Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6336SSGU Datasheet(PDF) 4 Page - MOSA ELECTRONICS

Part # MS6336SSGU
Description  16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6336SSGU Datasheet(HTML) 4 Page - MOSA ELECTRONICS

  MS6336SSGU Datasheet HTML 1Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 2Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 3Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 4Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 5Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 6Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 7Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 8Page - MOSA ELECTRONICS MS6336SSGU Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
MOSA
MS6336
16-bit Audio DAC integrated Dual 1.6W Power Amplifiers
REV 4
4/21
www.mosanalog.com
AC Characteristics
Res
Resolution
-
-
16
bits
BTL Mode , RL=8Ω
CAP=1uF, f=200Hz
-
58
-
dB
PSRR
Power supply rejection ratio
SE Mode , RL=32Ω
CAP=1uF, f=200Hz
-
65
-
dB
-
-67
-62
dB
THD+N
Total harmonic distortion plus
Noise
SE mode, RL=32Ω, VFS
-
0.0447
0.079
%
S/N
Signal-to-noise ratio
SE mode, A-weighting, VFS
86
92
-
dB
BTL Mode, RL = 4Ω
THD+N = 0.33%
1.44
1.6
-
W
BTL Mode, RL = 8Ω
THD+N = 0.15 %
0.75
0.83
-
W
Po
Maximum output power
SE Mode, RL = 32Ω
THD+N = 0.042%
41.4m
46m
-
W
Bus Characteristics
VI2CH
Serial interface high input level
2
-
-
V
VI2CL
Serial interface low input level
-
-
0.8
V
3.3V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=3.3V, VSS=0V, Sampling rate 4fs, fs= 44.1kHz, f=1kHz; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC Characteristics
Audio code 0000H, BTL
-
10.9
-
Audio code 0000H, SE
8.3
L-ch (R-ch) PD, BTL
DAC active
6.9
IQ
Quiescent current
L-ch (R-ch) PD, SE
DAC active
-
5.5
-
mA
AC Characteristics
-
-65
60
dB
THD+N
Total harmonic distortion plus
Noise
SE mode, RL=32Ω, VFS
-
0.0562
0.1
%
BTL Mode, RL = 4Ω
THD+N = 0.25%
0.63
0.70
-
W
BTL Mode, RL = 8Ω
THD+N = 0.14 %
0.32
0.35
-
W
Po
Maximum output power
SE Mode, RL = 32Ω
THD+N = 0.052%
18m
20m
-
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com