Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC901 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC901
Description  Digital Output Type OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC901 Datasheet(HTML) 2 Page - Sharp Corporation

  PC901 Datasheet HTML 1Page - Sharp Corporation PC901 Datasheet HTML 2Page - Sharp Corporation PC901 Datasheet HTML 3Page - Sharp Corporation PC901 Datasheet HTML 4Page - Sharp Corporation PC901 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PC901V
*5 I FHL represents forward current when output goes from high to low.
*6 Hysterisis stands for I FHL /I FLH
*7 Test circuit for response time is shown below.
*8 Test circuit for CMH,CML shown below.
Voltage regulator
Switch for
Infrared LED
B
A
Amp.
280
Ω
5V
0.1
µ F
0.1
µF
5V
280
Ω
Amp.
Voltage regulator
47
Ω
1.5V
600V
GND
GND
tr = tf = 0.01µ s
ZO = 50 Ω
VIN
VO
VIN
VO
tPLH
tPHL
VOH
VOL
tf
tr
50 %
90 %
10 %
VCM
Switch for Infrared LED at A
(IF = 0)
IF
+
-
VCM
VO
VO(MAX.) = 0.8V
Switch for Infrared LED at B
(IF=4mA)
VO(MIN.) = 2.0V
VOL
Test Circuit for Response Time
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 4mA
-
1.1
1.4
V
IF = 0.3mA
0.7
1.0
-
Reverse current
IR
Ta = 25˚C, V R
--
10
µ A
Terminal capacitance
Ct
Ta = 25˚C, V = 0, f = 1kHz
-
30
250
pF
Output
Operating supply voltage
V CC
3
-
15
V
Low level output voltage
V OL
IOL = 16mA, V CC = 5V, I F
-
0.2
0.4
V
High level output current
I OH
V O =V CC = 15V, I F
-
-
100
µ A
Low level supply current
ICCL
V CC = 5V, I F = 0
-
2.5
5.0
mA
High level supply current
I CCH
V CC = 5V, I F = 4mA
-
2.7
5.5
mA
Transfer
charac-
teristics
I FLH
Ta = 25˚C, V CC = 5V, R L = 280
Ω
-
1.1
2.0
mA
VCC = 5V, R L = 280
Ω
-
-
4.0
I FHL
Ta = 25˚C, V CC = 5V, R L = 280
Ω
0.4
0.8
-
mA
VCC = 5V, R L = 280
Ω
0.3
-
-
*6 Hysteresis
I FHL /I FLH
V CC = 5V, R L = 280
Ω
0.5
0.7
0.9
-
Isolation resistance
R ISO
5x 1010
1011
-
Ω
t PLH
Ta = 25˚C
V CC = 5V, I F = 4mA
RL = 280
Ω
-1
3
µ s
t PHL
-2
6
t r
-
0.1
0.5
Fall time
tf
-
0.05
0.5
tion voltage
( High level output )
*8
Instantaneous common mode rejec-
CMH
VCM = 600V (peak ), VO(MIN. ) =2V
IF = 4mA, R L = 280
Ω, Ta= 25˚C
-
- 2000
-
V/
µ s
tion voltage
( Low level output)
*8
Instantaneous common mode rejec-
CML
VCM = 600V (peak ), VO(MAX.) = 0.8V
IF = 0, R L = 280
Ω, Ta= 25˚C
-
2000
-
V/
µ s
*4 I FLH represents forward current when output goes from low to high.
*4
“L
→H” threshold input
*5
“H
→L” threshold input
s Electro-optical Characteristics
“L
→H” propagation delay time
“H
→L” propagation delay time
Rise time
=4V
= 4mA
=0
current
current
Test Circuit for CM H, CM L
Ta = 25˚C, DC500V, 40 to 60% RH
( Ta = 0 to + 70˚C unless otherwise specified )



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com