Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC901 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC901
Description  Digital Output Type OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC901 Datasheet(HTML) 4 Page - Sharp Corporation

  PC901 Datasheet HTML 1Page - Sharp Corporation PC901 Datasheet HTML 2Page - Sharp Corporation PC901 Datasheet HTML 3Page - Sharp Corporation PC901 Datasheet HTML 4Page - Sharp Corporation PC901 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PC901V
0.2
0.3
0.5
- 25
0
25
50
100
0.1
0
0.4
75
16mA
5mA
Ambient temperature T a (˚C)
Fig. 7 Low Level Output Voltage vs.
Ambient Temperature
0.1
0
0.2
0.5
1
10
10
60
2
5
20
30
40
50
Fig. 8 High Level Output Current vs.
Forward current I F ( mA )
Forward Current
0.05
0.5
1
2
- 25
0
25
50
75
100
0.2
0.1
Fig. 9 High Level Output Current vs.
V CC =VO = 15V
IF = 4mA
Ambient Temperature
0
1
2
9
48
18
012
5
4
3
6
7
8
10
14
6
2
25˚C
85˚C
16
ICCH
ICCL
ICCH
ICCL
ICCH
ICCL
Supply voltage VCC (V)
T a=
- 25˚C
Fig.10 Supply Current vs. Supply Voltage
0
1
2
3
5
6
10
20
30
40
60
050
4
t PHL
t PLH
Fig.11 Propagation Delay Time vs.
Forward Current
0
0.1
0.2
0.5
1
2
5
10
20
0.2
0.3
0.4
0.5
0.6
Fig.12 Rise Time, Fall Time vs.
VCC =5V
IOL = 30mA
V CC =5V
T a = 25˚C
Ambient temperature T a (˚C)
V CC =5V
RL = 280 Ω
T a = 25˚C
t r
tf
VCC =5V
IF = 4mA
T a = 25˚C
Forward current I F ( mA )
{
{
{
Load Resistance
Load resistance R L ( k Ω )



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com