Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6715 Datasheet(PDF) 14 Page - MOSA ELECTRONICS

Part # MS6715
Description  1 Stereo Input and 1 Stereo Output Volume, Tone, Balance, Loudness Function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6715 Datasheet(HTML) 14 Page - MOSA ELECTRONICS

Back Button MS6715 Datasheet HTML 8Page - MOSA ELECTRONICS MS6715 Datasheet HTML 9Page - MOSA ELECTRONICS MS6715 Datasheet HTML 10Page - MOSA ELECTRONICS MS6715 Datasheet HTML 11Page - MOSA ELECTRONICS MS6715 Datasheet HTML 12Page - MOSA ELECTRONICS MS6715 Datasheet HTML 13Page - MOSA ELECTRONICS MS6715 Datasheet HTML 14Page - MOSA ELECTRONICS MS6715 Datasheet HTML 15Page - MOSA ELECTRONICS MS6715 Datasheet HTML 16Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MOSA
MS6715
1 Stereo Input / 1 Stereo Output Audio Processor
REV 3
14/16
www.mosanalog.com
DEMO BOARD
The demo board used IR technique controller to control the MS6715.
The default states of demo board are Volume -20dB, Attenuator Speakers 0dB, Loudness Off, Bass 0dB and Treble 0dB.
Label 1: Supply Voltage
The AVDD and DVDD should be the same supply voltage, the supply range is 2.7~6.5 VDC.
Label 2: LED Indicator
The LED indicates the power status and the IR received status. It is red-dark blink once when the MCU has received the
function code correctly.
Label 3: Output Section
Please connected to a post-power-amplifier, as active speaker.
Label 4: Input Section
Please input stereo audio signal, as music or sine wave.
Label 5: MCU Reset
The MS6715 will be loaded the default values by MCU. The default states of demo board are Volume -20dB,
Attenuator Speakers 0dB, Loudness Off, Bass 0dB and Treble 0dB.
1
2
3
1
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com