Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6715 Datasheet(PDF) 7 Page - MOSA ELECTRONICS

Part # MS6715
Description  1 Stereo Input and 1 Stereo Output Volume, Tone, Balance, Loudness Function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6715 Datasheet(HTML) 7 Page - MOSA ELECTRONICS

Back Button MS6715 Datasheet HTML 3Page - MOSA ELECTRONICS MS6715 Datasheet HTML 4Page - MOSA ELECTRONICS MS6715 Datasheet HTML 5Page - MOSA ELECTRONICS MS6715 Datasheet HTML 6Page - MOSA ELECTRONICS MS6715 Datasheet HTML 7Page - MOSA ELECTRONICS MS6715 Datasheet HTML 8Page - MOSA ELECTRONICS MS6715 Datasheet HTML 9Page - MOSA ELECTRONICS MS6715 Datasheet HTML 10Page - MOSA ELECTRONICS MS6715 Datasheet HTML 11Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MOSA
MS6715
1 Stereo Input / 1 Stereo Output Audio Processor
REV 3
7/16
www.mosanalog.com
Timing of SDA and SCL Bus Lines
tf
S
tLOW
tHD;STA
tr
tHD;DAT
tSU;DAT
tf
tHIGH
tHD;STA
tSU;STA
Sr
S
P
tSP
tSU;STO
tr
tBUF
SDA
SCL
Standard Mode
Symbol
Parameter
Min
Max
Unit
fSCL
SCL clock frequency
0
100
kHz
tHD:STA
Hold time (repeated) START condition.
After this period, the first clock pulse is generated
4.0
-
us
tLOW
LOW period of the SCL clock
4.7
-
us
tHIGH
HIGH period of the SCL clock
4.0
-
us
tSU:STA
Set-up time for a repeated START condition
4.7
-
us
tHD:DAT
Data hold time:
For I
2C-bus devices
0
3.45
us
tSU:DAT
Data-set-up time
250
-
ns
tr
Rise time of both SDA and SCL signals
-
1000
ns
tf
Fall time of both SDA and SCL signals
-
300
ns
tSU:STO
Set-up time for STOP condition
4.0
-
us
tBUF
Bus free time between a STOP and START condition
4.7
-
us
Cb
Capacitive load for each bus line
-
400
pF
VnL
Noise margin at the LOW level for each connected device (including
hysteresis)
0.1VDD
-
V
VnH
Noise margin at the HIGH level for each connected device (including
hysteresis)
0.2VDD
-
V
BUS INTERFACE
Data are transmitted to and from the MCU to the MS6715 via the SDA and SCL. The SDA and SCL make up the
BUS interface. It should be noted that pull-up resistors must be connected to the positive supply voltage.
SDA (Serial Data Line)
Rp
Rp
SCL (Serial Clock Line)
Pull up resistors
V
DD
MCU
MS6715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com