Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6865 Datasheet(PDF) 20 Page - MOSA ELECTRONICS

Part # MS6865
Description  Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6865 Datasheet(HTML) 20 Page - MOSA ELECTRONICS

Back Button MS6865 Datasheet HTML 14Page - MOSA ELECTRONICS MS6865 Datasheet HTML 15Page - MOSA ELECTRONICS MS6865 Datasheet HTML 16Page - MOSA ELECTRONICS MS6865 Datasheet HTML 17Page - MOSA ELECTRONICS MS6865 Datasheet HTML 18Page - MOSA ELECTRONICS MS6865 Datasheet HTML 19Page - MOSA ELECTRONICS MS6865 Datasheet HTML 20Page - MOSA ELECTRONICS MS6865 Datasheet HTML 21Page - MOSA ELECTRONICS MS6865 Datasheet HTML 22Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
MOSA
MS6865
3 Stereo inputs / 2W PA output with Volume Control
REV 2
20/22
www.mosanalog.com
DEMO BOARD
Function description
Label 1: Supply Input
Supply voltage range is 2.4V to 6.5V.
Label 2: Headphone Jack
Used 3.5mm diameter of headphone with 32ohm
Label 3: Speaker Output
Connected to speaker with 8ohm or 4 ohm
Label 4: Signal Input
Connected to audio signals.
Label 5: Reset
All I/O pins are reset to default values.
Label 6: LED Indicator
The LEDs indicate the chip status and IR received status.
Power ON status, it is red-dark blink twice and then keeps on a light state.
Power OFF status, it is red-dark blink four times and then keeps on a dark state.
It is red-dark blink once when the MCU has received the function code correctly.
SE mode and BTL mode operation
The headphone controls operational mode. System enters SE mode when headphone jack is empty.
When a set of headphone plugged into the jack, the system switched to BTL mode.
1
2
5
3
6
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com