Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6865 Datasheet(PDF) 21 Page - MOSA ELECTRONICS

Part # MS6865
Description  Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6865 Datasheet(HTML) 21 Page - MOSA ELECTRONICS

Back Button MS6865 Datasheet HTML 14Page - MOSA ELECTRONICS MS6865 Datasheet HTML 15Page - MOSA ELECTRONICS MS6865 Datasheet HTML 16Page - MOSA ELECTRONICS MS6865 Datasheet HTML 17Page - MOSA ELECTRONICS MS6865 Datasheet HTML 18Page - MOSA ELECTRONICS MS6865 Datasheet HTML 19Page - MOSA ELECTRONICS MS6865 Datasheet HTML 20Page - MOSA ELECTRONICS MS6865 Datasheet HTML 21Page - MOSA ELECTRONICS MS6865 Datasheet HTML 22Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
MOSA
MS6865
3 Stereo inputs / 2W PA output with Volume Control
REV 2
21/22
www.mosanalog.com
IR Controller
Power ON/OFF : The power key.
Press the key once to set power-on or power-off for MS6865.
The default values are GAIN 0dB, ATTENUATION –20dB and MUTE-ON.
VOL+, VOL- : The volume control keys.
The volume control in 1.25dB/step as the switch is pressed once, the range is -78.75dB to 0dB.
Gain+, Gain- : The gain control keys.
The gain control in 3dB/step as the switch is pressed once, the range is 0dB to 21dB.
PD/Active : The power down key.
Press the key once to set power-down or activation for MS6865.
Mute : The mute key
Press the key once to set mute-on or mute-off.
IN1~IN3 : Stereo input channel selection
There are three sets, stereo 1 to 3. The default channel is stereo 1 on initial status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com