Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSV358 Datasheet(PDF) 4 Page - MOSA ELECTRONICS

Part # MSV358
Description  Rail-to-Rail Output, General Purpose Dual OPA, Low Voltage, Low Supply current
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MSV358 Datasheet(HTML) 4 Page - MOSA ELECTRONICS

  MSV358 Datasheet HTML 1Page - MOSA ELECTRONICS MSV358 Datasheet HTML 2Page - MOSA ELECTRONICS MSV358 Datasheet HTML 3Page - MOSA ELECTRONICS MSV358 Datasheet HTML 4Page - MOSA ELECTRONICS MSV358 Datasheet HTML 5Page - MOSA ELECTRONICS MSV358 Datasheet HTML 6Page - MOSA ELECTRONICS MSV358 Datasheet HTML 7Page - MOSA ELECTRONICS MSV358 Datasheet HTML 8Page - MOSA ELECTRONICS MSV358 Datasheet HTML 9Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MOSA
MSV358
General Purpose Dual Operational Amplifiers
REV 5
4/9
www.mosanalog.com
TYPICAL PERFORMANCE CHARACTERISTICS
(Ta=25℃; unless otherwise specified)
SUPPLY VOLTAGE (V)
FREQUENCY (Hz)
FREQUENCY (Hz)
Quiescent current vs. supply voltage
Channel separation vs. frequency
PSRR vs. frequency
VDD=2.7V
VDD=5V
VO=0dBV
VDD=5V
VDD=2.7V
VO=-3dBV
VDD=2.4V
VDD=2.4V
VO=-3dBV
OUTPUT VOLTAGE (dBV)
OUTPUT VOLTAGE (dBV)
OUTPUT VOLTAGE (dBV)
THD+N vs. output voltage
THD+N vs. output voltage
THD+N vs. output voltage
f=20kHz
f=20kHz
f=20kHz
f=100Hz
f=100Hz
f=1kHz
f=1kHz
f=100Hz
f=1kHz
VDD=5V
VDD=2.4V
VDD=2.7V
FREQUENCY (Hz)
FREQUENCY (Hz)
THD+N vs. frequency
CMRR vs. frequency
VDD=5V
VDD=2.4V
VO=-3dBV
VDD=2.7V
VDD=2.7V
VO=-3dBV
VDD=5V
VO=0dBV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com