Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSV358 Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MSV358
Description  Rail-to-Rail Output, General Purpose Dual OPA, Low Voltage, Low Supply current
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MSV358 Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MSV358 Datasheet HTML 1Page - MOSA ELECTRONICS MSV358 Datasheet HTML 2Page - MOSA ELECTRONICS MSV358 Datasheet HTML 3Page - MOSA ELECTRONICS MSV358 Datasheet HTML 4Page - MOSA ELECTRONICS MSV358 Datasheet HTML 5Page - MOSA ELECTRONICS MSV358 Datasheet HTML 6Page - MOSA ELECTRONICS MSV358 Datasheet HTML 7Page - MOSA ELECTRONICS MSV358 Datasheet HTML 8Page - MOSA ELECTRONICS MSV358 Datasheet HTML 9Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MOSA
MSV358
General Purpose Dual Operational Amplifiers
REV 5
1/9
www.mosanalog.com
Rail-to-Rail Output, General Purpose Dual OPA,
Low Voltage, Low Supply current
FEATURES
‧
CMOS rail to rail output
‧
2.4 to 6.5V single supply operation
‧
Low supply current : 85uA (per channel at VDD=2.7V)
‧
Gain-Bandwidth Product : 1MHz
‧
Slew rate : 1V/
s
‧
No crossover distortion
‧
Space saving package SOP8, MSOP8
‧
Cost effective
‧
Pin assignments is the same as the general-purpose
dual operational amplifiers
APPLICATIONS
‧
Active filters
‧
Supply current monitoring
‧
Battery monitoring
‧
Voice preamplifier
‧
General purpose low voltage applications
‧
General purpose portable devices
‧
Cross-reference :
LMV358
DESCRIPTION
The MSV358 is the most cost-effective solutions for
applications where low voltage operation. Each amplifier
has low supply current of 100uA at 5V.
BLOCK DIAGRAM
7
6
5
8
2
3
4
1
+INB
VDD
OutB
-INB
OutA
-INA
+INA
VSS
-
+
+
-
PIN CONFIGURATION
Symbol
Pin
Description
OUTA
1
Output A
-INA
2
Inverting input A
+INA
3
Non-inverting input A
VSS
4
Negative supply
+INB
5
Non-inverting input B
-INB
6
Inverting input B
OUTB
7
Output B
VDD
8
Positive supply
7
6
5
8
2
3
4
1
MSV358
VDD
OUTB
-INB
+INB
OUTA
-INA
+INA
VSS


Similar Part No. - MSV358

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MSV358 MOSA-MSV358 Datasheet
302Kb / 7P
Rail-to-Rail Output Low Voltage, Low Supply Current General Purpose Dual OP Amps
MSV358GTR MOSA-MSV358GTR Datasheet
302Kb / 7P
Rail-to-Rail Output Low Voltage, Low Supply Current General Purpose Dual OP Amps
MSV358GU MOSA-MSV358GU Datasheet
302Kb / 7P
Rail-to-Rail Output Low Voltage, Low Supply Current General Purpose Dual OP Amps
MSV358MGTR MOSA-MSV358MGTR Datasheet
302Kb / 7P
Rail-to-Rail Output Low Voltage, Low Supply Current General Purpose Dual OP Amps
MSV358MGU MOSA-MSV358MGU Datasheet
302Kb / 7P
Rail-to-Rail Output Low Voltage, Low Supply Current General Purpose Dual OP Amps
More results

Similar Description - MSV358

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LMV321 FAIRCHILD-LMV321 Datasheet
515Kb / 16P
General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
logo
Unisonic Technologies
LMV358 UTC-LMV358_05 Datasheet
269Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
MOSA ELECTRONICS
MSV358 MOSA-MSV358 Datasheet
302Kb / 7P
Rail-to-Rail Output Low Voltage, Low Supply Current General Purpose Dual OP Amps
MSV932 MOSA-MSV932 Datasheet
478Kb / 10P
Rail-to-Rail Input and Output Low Voltage 2.1V, Low Supply Current Dual Amplifiers
logo
Diodes Incorporated
LMV321 DIODES-LMV321_10 Datasheet
625Kb / 15P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
DS33196 Rev. 5 - 2
logo
Unisonic Technologies
LLV321 UTC-LLV321 Datasheet
202Kb / 6P
GENERAL PURPOSE, LOW VOLTAGE,RAIL-TO-RAIL OUTPUT AMPLIFIERS
LMV358 UTC-LMV358_09 Datasheet
459Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321_11 Datasheet
624Kb / 16P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
Rev 6
logo
Fairchild Semiconductor
LMV321 FAIRCHILD-LMV321_12 Datasheet
1Mb / 16P
General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
logo
Unisonic Technologies
L6132 UTC-L6132_17 Datasheet
471Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL VOLTAGE, RAIL-TO-RAIL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com