Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC929 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC929
Description  Shortcircuit Protector Circuit Built-in Photocoupler Suitable for Inverter-Driving MOS-FET/IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC929 Datasheet(HTML) 2 Page - Sharp Corporation

  PC929 Datasheet HTML 1Page - Sharp Corporation PC929 Datasheet HTML 2Page - Sharp Corporation PC929 Datasheet HTML 3Page - Sharp Corporation PC929 Datasheet HTML 4Page - Sharp Corporation PC929 Datasheet HTML 5Page - Sharp Corporation PC929 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
(Ta=Topr unless otherwise specified)
Electro-optical Characteristics (1)
Truth Table
Input
ON
Low level
High level
High level
High level
Low level
Low level
For protective operation
OFF
Low level
Low level
High level
High level
Low level
High level
O2 Output
FS Output
C Input/Output
*7 I
represents forward current when output goes from "Low" to "High".
FLH
*6 When measuring output and transfer characteristics, connect a bypass capacitor (0.01
µ F or more) between V
13 and GND 14 near the device.
CC
PC929
*8 FS=OPEN, V =0V
C
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Measuring
circuit
Forward voltage
VF1
Ta = 25˚C, IF = 10mA
-
1.6
1.75
V
-
VF2
Ta = 25˚C, IF = 0.2mA
1.2
1.5
-
V
-
Reverse current
IR
Ta = 25˚C, VR =5V
-
-
10
µ A-
Terminal capacitance
Ct
Ta = 25˚C, V = 0, f = 1kHz
-
30
250
pF
-
Operating supply voltage
VCC
Ta = - 10 to 60 ˚C
15
-
30
V
-
-
15
-
24
V
VO1L
*8
VCC1 = 12V, VCC2 = - 12V
IO1 = 0.1A, IF = 5mA
-
0.2
0.4
V
(1)
VO2H
*8
VCC =VO1 = 24V, IO2 = - 0.1A
IF = 5mA
20
22
-
V
(2)
VO2L
*8
VCC =VO1 = 24V, IO2 = 0.1A, IF = 0mA
-
1.2
2.0
V
(3)
VO1L
Ta = 25˚C, VCC =VO1 = 35V, IF = 0mA *8
-
-
500
µ A
(4)
High level supply current
ICCH
*8
Ta = 25˚C, VCC =VO1 = 24V, IF = 5mA
-10
17
mA
(6)
*8
VCC =VO1 = 24V, IF = 5mA
-
-
19
mA
Low level supply current
ICCL
Ta = 25˚C, VCC =VO1 = 24V, IF = 0mA *8
-11
18
mA
VCC =VO1 = 24V, IF = 0mA
*8
-
-
20
mA
*7 "Low
→High"
threshold input current
IFLH
Ta = 25˚C, VCC =VO1 = 24V
*8
0.3
1.5
3.0
mA
(5)
VCC =VO1 = 24V
*8
0.2
-
5.0
mA
Isolation resistance
RISO
Ta = 25˚C, DC500V, 40 to60% RH
5x 1010 1x 1011
--
tPLH
Ta = 25˚C, VCC =VO1 = 24V
*8
RG =47
Ω , CG = 3 000pF, IF = 5mA
-
0.3
0.5
µ s
(8)
tPHL
-
0.3
0.5
µ s
Rise time
tr
-
0.2
0.5
µ s
Fall time
tf
-
0.2
0.5
µ s
Instantaneous common mode rejection
voltage "Output : High level"
CMH
*8
Ta = 25˚C, VCC =VO1 = 24V, IF = 5mA
VCM = 600V(peak ),
∆ VO2H = 2.0V
- 1 500
--
V/
µ s
(7)
Instantaneous common mode rejection
voltage "Output : Low level"
CML
Ta = 25˚C, VCC =VO1 = 24V, IF = 0mA
VCM = 600V(peak ),
∆ VO2L = 2.0V *8
1 500
--
V/
µ s
"Low
→High" propagation delay time
"High
→Low" propagation delay time
O1 low level output voltage
O2 high level output voltage
O2 low level output voltage
O leak current
s
s



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com