Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC929 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC929
Description  Shortcircuit Protector Circuit Built-in Photocoupler Suitable for Inverter-Driving MOS-FET/IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC929 Datasheet(HTML) 5 Page - Sharp Corporation

  PC929 Datasheet HTML 1Page - Sharp Corporation PC929 Datasheet HTML 2Page - Sharp Corporation PC929 Datasheet HTML 3Page - Sharp Corporation PC929 Datasheet HTML 4Page - Sharp Corporation PC929 Datasheet HTML 5Page - Sharp Corporation PC929 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Test Circuit Diagram
2
8
9
10
11
12
13
14
↑ IF
V
↓
VFSL
IFS
RG
CG
VCC
(11)
IF
(Input current)
90%
50%
10%
t pCOHL
tpCOTF
90%
Error detecting threshold voltage (VCTH)
10%
∆ t FS
50%
50%
2
8
9
10
11
12
13
14
↑ IF
RG
CG
VCC
(12)
A
IFSH
VFS
(13)
2
8
9
10
11
12
13
14
V
RG
CG
VCC
VOUT
VIN
2
8
9
10
11
12
13
14
V
RG
CG
VCC
VIN
RC
RFS
(14)
tr = tf = 0.01 µs
Pulse width : 25
µ s
Duty ratio=25%
CP
RC
tr = tf = 0.01µ s
Pulse width : 25
µ s
Duty ratio=25%
VO2
C
(Detecting terminal)
FS
(Error signal output)
t pCFHL
PC929
PC929
PC929
PC929
PC929
3
1
3
1
3
1
3
1
(O2 output voltage)
s



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com