Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD3151F Datasheet(PDF) 1 Page - Sharp Corporation

Part # PD3151F
Description  Position Sensitive Detector with Location Hole (PSD *)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PD3151F Datasheet(HTML) 1 Page - Sharp Corporation

  PD3151F Datasheet HTML 1Page - Sharp Corporation PD3151F Datasheet HTML 2Page - Sharp Corporation PD3151F Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
V R
30
V
T opr
˚C
Tstg
˚C
T sol
+ 260
˚C
Features
Outline Dimensions
(Unit : mm)
Applications
1. Cameras
Reverse voltage
Operating temperature
Storage temperature
Soldering temperature
Parameter
Symbol
Rating
Unit
Absolute Maximum Ratings
-25 to+ 85
-40 to+ 85
*1
*1 For MAX. 3 seconds in the soldering area
PD3151F
PD3151F
1. Easy high accuracy positioning owing to location hole
Detecting portion pattern positional accuracy : ± 0.1 mm
2. Thin, compact package
3. Visible light cut-off type
(Ta=25˚C)
* PSD: Position Sensitive Detector
Position Sensitive Detector
with Location Hole (PSD *)
Soldering area
0.8
φ 0.9
R0.4
1.905
5.0
1.905
Shape of detector portion
0.15
1.5
1 Anode A
2 Cathode
3 Cathode
4 Anode B
5 Cathode
6 Cathode
1.67
6
5
4
12
3
1
4
2 3 5 6
Chip positional accuracy : ± 0.1 mm, Rotational deviation : ± 2 ˚
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
s
s
s
s


Similar Part No. - PD3151F

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
PD3150J5050S2 ANAREN-PD3150J5050S2 Datasheet
225Kb / 6P
Ultra Low Profile 0805 Power Divider 50廓 to 50廓
PD3150J5050S2 ANAREN-PD3150J5050S2 Datasheet
351Kb / 7P
Ultra Low Profile 0805 Power Divider
PD3150J5050S2HF ANAREN-PD3150J5050S2HF Datasheet
197Kb / 5P
Ultra Low Profile 0805 Power Divider
PD3150J5050S2 ANAREN-PD3150J5050S2_14 Datasheet
351Kb / 7P
Ultra Low Profile 0805 Power Divider
More results

Similar Description - PD3151F

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SD-101 KODENSHI-SD-101 Datasheet
241Kb / 2P
Position Sensitive Diodes
SD-112S KODENSHI-SD-112S Datasheet
246Kb / 2P
Position Sensitive Diodes
SD-201 KODENSHI-SD-201 Datasheet
239Kb / 2P
Position Sensitive Diodes
SD-402 KODENSHI-SD-402 Datasheet
195Kb / 2P
Position Sensitive Diodes
SD-503 KODENSHI-SD-503 Datasheet
230Kb / 2P
Position Sensitive Diodes
logo
List of Unclassifed Man...
PSD6407 ETC-PSD6407 Datasheet
1Mb / 16P
POSITION SENSITIVE DETECTOR
logo
IC-Haus GmbH
IC-OD ICHAUS-IC-OD Datasheet
302Kb / 9P
OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
IC-OD ICHAUS-IC-OD_10 Datasheet
578Kb / 11P
OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
logo
KODENSHI_AUK CORP.
KSD402 KODENSHI-KSD402 Datasheet
201Kb / 2P
Position Sensitive Diodes
logo
IC-Haus GmbH
IC-OD ICHAUS-IC-OD_15 Datasheet
508Kb / 11P
OPTICAL POSITION-SENSITIVE DETECTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com