Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD3151F Datasheet(PDF) 3 Page - Sharp Corporation

Part # PD3151F
Description  Position Sensitive Detector with Location Hole (PSD *)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PD3151F Datasheet(HTML) 3 Page - Sharp Corporation

  PD3151F Datasheet HTML 1Page - Sharp Corporation PD3151F Datasheet HTML 2Page - Sharp Corporation PD3151F Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Fig. 4 Terminal Capacitance vs.
Reverse Voltage
Fig. 3 Dark Current vs. Reverse Voltage
Fig. 5 Relative Output vs. Ambient
Temperature
Fig. 6 Collector Current vs. Illuminance
PD3151F
Ambient temperature Ta (˚C)
Reverse voltage VR (V)
R
Please refer to the chapter "Precautions for Use". (Page 78 to 93)
Illuminance E V (lx)
110
0.01
0.1
1
10
100
2
10
3
10
4
10
VR=1V
Ta=25˚C
- 25
0
25
50
75
100
85
90
95
100
105
110
115
Reverse voltage V (V)
0
5
10
15
20
10
2
10
1
1
10
-1
f=10kHz
Ta=25˚C
0.01
0.1
1
10
100
10
-11
10
-9
10
-10
10
-8
Ta=25˚C
q



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com