Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD410PI Datasheet(PDF) 2 Page - Sharp Corporation

Part # PD410PI
Description  High Speed Photodiode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PD410PI Datasheet(HTML) 2 Page - Sharp Corporation

  PD410PI Datasheet HTML 1Page - Sharp Corporation PD410PI Datasheet HTML 2Page - Sharp Corporation PD410PI Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PD410PI
0
-25
50
100
150
200
0
25
50
75
100
-25
0
25
50
75
100
0.05 0.1 0.2
0.5
1
2
5
10
20
50
0
10
20
30
40
50
60
0
10
20
30
40
50
60
70
80
90
100
600
700
800
900
A
- 25
0
25
50
75
100
0
20
40
60
80
100
120
140
160
85
2
5
2
5
2
5
2
5
Ta = 25˚C
Wavelength
λ ( nm )
10-6
10-7
10-8
10-9
10 -10
10 -11
10 -12
Ambient temperature Ta
10 -7
10 -8
10 -9
10 -10
10 -11
Reverse voltage VR (V)
52
52
52
52
5
Reverse voltage VR (V)
f = 1MHz
T a = 25˚C
( Test circuit )
PD410Pl
Ambient temperature Ta (˚C)
Fig. 1 Power Dissipation vs.
Ambient Temperature
Fig. 2 Spectral Sensitivity
Fig. 3 Dark Current vs.
Ambient Temperature
Fig. 4 Dark Current vs. Reverse Voltage
Fig. 5 Terminal Capacitance vs.
Reverse Voltage
Fig. 6 Relative Output vs. Ambient Temperature
( Emitter : GL537 /
Ambient temperature Ta ( ˚C)
10-2
10-1
(˚C)
GL538)
Detector:PD410PI)
GL537
GL538
Distance between infrared light
emitting diode and photodiode
shall be fixed when I SC = 100µ A at I F
= 20mA and T a= 25˚C.
Ta = 25˚C
1000
1100
1200
110
VR = 10V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com