Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD410PI Datasheet(PDF) 3 Page - Sharp Corporation

Part # PD410PI
Description  High Speed Photodiode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PD410PI Datasheet(HTML) 3 Page - Sharp Corporation

  PD410PI Datasheet HTML 1Page - Sharp Corporation PD410PI Datasheet HTML 2Page - Sharp Corporation PD410PI Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Test Circuit for Responce Time
Input
Output
Laser diode
Pulse
generator
Output
10V
+
PD410PI
2
5
2
5
2
5
0.1
1
10
100
Angular displacement
θ
0
100
20
40
60
80
2
5
25
25
25
2
5
+20˚
+10˚
0
+ 90˚
+ 80˚
+ 70˚
+ 50˚
+ 60˚
+ 40˚
+ 30˚
- 30˚
- 40˚
- 50˚
- 60˚
- 70˚
- 80˚
- 90˚
GL538
Fig. 7 Sensitivity Diagram
10-4
10-3
10-2
10-1
GL537
IF= 20mA
Ta = 25˚C
102
101
100
10 -1
10 -2
10
102
103
104
105
IOUT = 0.1mA
tr
tr
RL
Fig. 8 Relative Output vs. Distance
(Emitter :
- 10˚
- 20˚
VR= 10V
Detector :PD410PI)
GL538,
/
GL537
Distance between emitter and detector
d ( m )
90%
10%
(Ta =25 ˚C)
Ta = 25˚C
q Please refer to the chapter “Precautions for Use. ”
PD410PI
Fig. 9 Responce Time vs. Load Resistance
Load resistance RL ( Ω )



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com