Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD411PI Datasheet(PDF) 2 Page - Sharp Corporation

Part # PD411PI
Description  Compact Package Type Photodiode with Condensing Lens
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PD411PI Datasheet(HTML) 2 Page - Sharp Corporation

  PD411PI Datasheet HTML 1Page - Sharp Corporation PD411PI Datasheet HTML 2Page - Sharp Corporation PD411PI Datasheet HTML 3Page - Sharp Corporation PD411PI Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Isc
µ A
T
-
0.2
-
% /˚C
Id
V R= 10V, Ee= 0
-
0.5
10
nA
T
V R= 10V, Ee= 0
-
3.5
5.0
Ct
-
λ p
--
nm
K
-
-
A/W
tr
V R= 10V
--
ns
tf
--
θ± 45
-
EV
EV
V R= 3V, f= 1MHZ
RL=1k
Ω
0
-25
50
100
150
200
50
75
100
85
β
α
pF
(Ta=25 ˚C)
Electro-optical Characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Shortcircuit current
Shortcircuit current temperature coefficient
Dark current
Dark current temperature coefficient
Terminal capacitance
Peak sensitivity wavelength
Peak spectral sensitivity
Response time
Half intensity angle
Rise Time
Fall Time
*2
*2
times/10˚C
˚
Fig. 1 Power Dissipation vs. Ambient
Temperature
Ambient temperature T a (˚C)
PD411PI
l = 960nm
5.0
7.5
9.0
20
960
1.0
200
200
35
Fig. 2 Spectral Sensitivity
*2 E V : Illuminance by CIE standard light source A (tungsten lamp)
= 100 lx
= 100 lx
∆
025
Wavelength (nm)
300 400 500 600 700 800 900 1000 1100
0
10
20
30
40
50
60
70
80
90
100
Ta=25˚C
s
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com