Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD411PI Datasheet(PDF) 3 Page - Sharp Corporation

Part # PD411PI
Description  Compact Package Type Photodiode with Condensing Lens
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PD411PI Datasheet(HTML) 3 Page - Sharp Corporation

  PD411PI Datasheet HTML 1Page - Sharp Corporation PD411PI Datasheet HTML 2Page - Sharp Corporation PD411PI Datasheet HTML 3Page - Sharp Corporation PD411PI Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Fig. 7 Relative Output vs. Ambient
Temperature (Detector : GL537/GL538)
Fig. 4 Dark Current vs. Ambient Temperature
Fig. 5 Dark Current vs. Reverse Voltage
Fig. 6 Terminal Capacitance vs. Reverse
Voltage
PD411PI
Reverse voltage V R (V)
Illuminance E V (lx)
Fig. 3 Shortcircuit Current vs. Illuminance
2
5
2
5
2
5
2
5
52
52
52
2
5
10-2
10-1
Ta= 25˚C
110
Fig. 8 Radiation Diagram
(Ta = 25˚C)
Ambient temperature T a (˚C)
A
- 25
100
0
20
40
60
80
100
120
140
160
Test circuit
Fix PD and GL at position so that
distance between them may be
I
=100
µ A at I =20mA and Ta=25˚C.
SC
(
)
PD411Pl
GL537/GL538
F
025
50
75
Reverse voltage V R (V)
0.05 0.1 0.2
0.5
5
10
20
50
0
10
20
30
40
50
60
f = 1MHz
Ta= 25˚C
12
5
10-7
10-8
10-9
10-10
10-11
Ambient temperature T a (˚C)
-25
0
10-6
10-7
10-8
10-9
VR =10V
25
50
75
100
10-12
10-11
10-10
1
10
100
1000
10000
0.01
0.1
1
10
100
1000
Ta=25˚C
0
100
20
40
60
80
0
+ 90˚
+ 80˚
+ 70˚
+ 50˚
+ 60˚
+ 40˚
+ 30˚
- 30˚
- 40˚
- 50˚
- 60˚
- 70˚
- 80˚
- 90˚
-10˚
- 20˚
Angular displacement
θ
+ 20˚
+ 10˚



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com