Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD49PI Datasheet(PDF) 1 Page - Sharp Corporation

Part # PD49PI
Description  High Speed, High Sensitivity Photodiode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PD49PI Datasheet(HTML) 1 Page - Sharp Corporation

  PD49PI Datasheet HTML 1Page - Sharp Corporation PD49PI Datasheet HTML 2Page - Sharp Corporation PD49PI Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
PD49PI/PD481PI
PD49PI/PD481PI
Symbol
Rating
Unit
V R
32
V
P
150
mW
Topr
- 25 to + 85
˚C
Tstg
- 40 to + 100
˚C
Tsol
260
˚C
Parameter
current
PD49PI
PD481PI
temperature coefficient
Dark current
Dark current temperature
coefficient
Terminal capacitance
Peak sensitivity
wavelength
PD49PI
PD481PI
Symbol
ISC
β T
Id
T
Ct
λ P
MIN.
TYP.
MAX.
2.4
3
-
3.5
5
-
-
0.2
-
-1
30
-
-
3.5
5
-20
50
--
910
960
Unit
µ A
% /˚C
nA
times/10˚C
pF
nm
Parameter
Reverse voltage
Power dissipation
Operating temperature
Storage temperature
*1 Soldering temperature
s Features
1. High sensitivity
2. Peak sensitivity wavelength matching
3. Built-in visible light cut-off filter
s Applications
*For 10 seconds at the position of 2.3mm from the bottom face of resin package
with infrared LED
VCRs, audio equipment and air condi-
tioners, etc.
*2 E V: Illuminance by CIE standard light source A ( tungsten lamp )
*2 Short circuit
*2 Short circuit current
0.9
0.9
0.5
0.5
0.3
s Outline Dimensions
(Unit : mm )
Conditions
EV
EV
V R= 10V
V R= 10V
V R= 3V, f= 1MHz
s Electro-optical Characteristics
(Ta = 25˚C)
Photodiode
(
λ p= 1000nm: PD49PI )
(
λ p= 960nm: PD481PI )
( ISC
V
PD481PI)
s Absolute Maximum Ratings
(Ta = 25˚C)
1
2
1 Anode
2 Cathode
1 2
Black epoxy resin
( Visible light cut-off type )
center
High Speed, High Sensitivity
>=3.5
µ A at E
Detector
1. Infrared remote controllers for TVs,
= 100lx:
= 100lx
= 100lx
1 000
1 010
α
7.0± 0.2
1.3MAX.
1.3MAX.
5.08± 0.1


Similar Part No. - PD49PI

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PD49PI SHARP-PD49PI Datasheet
64Kb / 4P
High Speed, High Sensitivity Photodiode
More results

Similar Description - PD49PI

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
6N138 SHARP-6N138 Datasheet
67Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
6N139 SHARP-6N139 Datasheet
68Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
PD410PI SHARP-PD410PI Datasheet
42Kb / 3P
High Speed Photodiode
PD413PI SHARP-PD413PI Datasheet
43Kb / 3P
High Speed Type Photodiode
logo
KODENSHI_AUK CORP.
SP-101 KODENSHI-SP-101 Datasheet
229Kb / 2P
Photo diodes(high-sensitivity photodiode mounted)
logo
Hamamatsu Corporation
S5668-11 HAMAMATSU-S5668-11 Datasheet
60Kb / 2P
Si photodiode High sensitivity X-ray detectors
S8265 HAMAMATSU-S8265 Datasheet
119Kb / 2P
Si photodiode Visible sensitivity photodiode with high humidity resistance
logo
OptoDiode Corp
ODD-45W OPTODIODE-ODD-45W Datasheet
328Kb / 2P
HIGH-SENSITIVITY GaAlAs PHOTODIODE
logo
Sharp Corporation
PD410PI2E00F SHARP-PD410PI2E00F Datasheet
65Kb / 4P
High Speed Photodiode
PD481PIE000F SHARP-PD481PIE000F Datasheet
64Kb / 4P
High Speed, High Sensitivity Photodiode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com