Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS5002FP Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS5002FP
Description  Secure Microprocessor Chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5002FP Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS5002FP Datasheet HTML 9Page - Dallas Semiconductor DS5002FP Datasheet HTML 10Page - Dallas Semiconductor DS5002FP Datasheet HTML 11Page - Dallas Semiconductor DS5002FP Datasheet HTML 12Page - Dallas Semiconductor DS5002FP Datasheet HTML 13Page - Dallas Semiconductor DS5002FP Datasheet HTML 14Page - Dallas Semiconductor DS5002FP Datasheet HTML 15Page - Dallas Semiconductor DS5002FP Datasheet HTML 16Page - Dallas Semiconductor DS5002FP Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DS5002FP Secure Microprocessor Chip
13 of 25
DETAILED DESCRIPTION
The DS5002FP implements a security system that is an improved version of its predecessor, the DS5000FP. Like
the DS5000FP, the DS5002FP loads and executes application software in encrypted form. Up to 128kB of
standard SRAM can be accessed by its byte-wide bus. This RAM is converted by the DS5002FP into lithium-
backed nonvolatile storage for program and data. Data is maintained for over 10 years at room temperature with a
very small lithium cell. As a result, the contents of the RAM and the execution of the software appear unintelligible
to the outside observer. The encryption algorithm uses an internally stored and protected key. Any attempt to
discover the key value results in its erasure, rendering the encrypted contents of the RAM useless.
The secure microprocessor chip offers a number of major enhancements to the software security implemented in
the previous generation DS5000FP. First, the DS5002FP provides a stronger software encryption algorithm that
incorporates elements of DES encryption. Second, the encryption is based on a 64-bit key word, as compared to
the DS5000FP’s 40-bit key. Third, the key can only be loaded from an on-chip true random-number generator. As a
result, the true key value is never known by the user. Fourth, a self-destruct input (SDI) pin is provided to interface
to external tamper-detection circuitry. With or without the presence of VCC, activation of the SDI pin has the same
effect as resetting the security lock: immediate erasure of the key word and the 48-byte Vector RAM area. Fifth, an
optional top-coating of the die prevents access of information using microprobing techniques. Finally, customer-
specific versions of the DS5002FP are available that incorporate a one-of-a-kind encryption algorithm.
When implemented as a part of a secure system design, a system based on the DS5002FP can typically provide a
level of security that requires more time and resources to defeat than it is worth to unauthorized individuals who
have reason to try. For a user who wants a preconstructed module using the DS5002FP, RAM, lithium cell, and a
real-time clock, the DS2252T is available and described in a separate data sheet.
BLOCK DIAGRAM
Figure 8 is a block diagram illustrating the internal architecture of the DS5002FP. The DS5002FP is a secure
implementation of the DS5001FP 128k soft microprocessor chip. As a result, it operates in an identical fashion to
the DS5001FP, except where indicated. See the DS5001FP data sheet for operating details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com