Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS5002FP Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS5002FP
Description  Secure Microprocessor Chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5002FP Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS5002FP Datasheet HTML 1Page - Dallas Semiconductor DS5002FP Datasheet HTML 2Page - Dallas Semiconductor DS5002FP Datasheet HTML 3Page - Dallas Semiconductor DS5002FP Datasheet HTML 4Page - Dallas Semiconductor DS5002FP Datasheet HTML 5Page - Dallas Semiconductor DS5002FP Datasheet HTML 6Page - Dallas Semiconductor DS5002FP Datasheet HTML 7Page - Dallas Semiconductor DS5002FP Datasheet HTML 8Page - Dallas Semiconductor DS5002FP Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
DS5002FP Secure Microprocessor Chip
2 of 25
ELECTRICAL SPECIFICATIONS
The DS5002FP adheres to all AC and DC electrical specifications published for the DS5001FP.
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground……………………………………………………….-0.3V to (VCC + 0.5V)
Voltage Range on VCC Relative to Ground……………………………………………………………………-0.3V to +6.0V
Operating Temperature Range………………………………………………………………………………..-40°C to +85°C
Storage Temperature* ...……………………………………………………………………………………..-55
°C to +125°C
Soldering Temperature……………………………………………………….....See IPC/JEDEC J-STD-020 Specification
This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time can affect reliability.
*Storage temperature is defined as the temperature of the device when VCC = 0V and VLI = 0V. In this state the contents of SRAM are not
battery-backed and are undefined.
DC CHARACTERISTICS
(VCC = 5V ±10%, TA = 0°C to +70°C.)**
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
VIL
(Note 1)
-0.3
+0.8
V
Input High Voltage
VIH1
(Note 1)
2.0
VCC + 0.3
V
Input High Voltage
(RST, XTAL1,
PROG)
VIH2
(Note 1)
3.5
VCC + 0.3
V
Output Low Voltage at IOL = 1.6mA
(Ports 1, 2, 3,
PF)
VOL1
(Notes 1, 13)
0.15
0.45
V
Output Low Voltage at IOL = 3.2mA
(Ports 0, ALE, BA15–0, BD7–0,
R/
W, CE1N, CE 1–4, PE 1–4, VRST)
VOL2
(Note 1)
0.15
0.45
V
Output High Voltage at IOH = -80µA
(Ports 1, 2, 3)
VOH1
(Note 1)
2.4
4.8
V
Output High Voltage at IOH = -400µA
(Ports 0, ALE, BA15–0, BD7–0,
R/
W, CE1N, CE 1–4, PE 1–4, VRST)
VOH2
(Note 1)
2.4
4.8
V
Input Low Current
VIN = 0.45V (Ports 1, 2, 3)
IIL
-50
µA
0°C to +70°C
-500
Transition Current; 1 to 0
VIN = 2.0V (Ports 1, 2, 3)
ITL
-40°C to +85°C
(Note 12)
-600
µA
SDI Input Low Voltage
VILS
(Note 1)
0.4
V
SDI Input High Voltage
VIHS
(Notes 1, 11)
2.0
VCCO
V
SDI Pulldown Resistor
RSDI
25
60
kΩ
Input Leakage (Port 0, MSEL)
IIL
0.45 < VIN < VCC
+10
µA
0°C to +70°C
40
150
RST Pulldown Resistor
RRE
-40°C to +85°C
(Note 12)
30
180
kΩ
VRST Pullup Resistor
RVR
4.7
kΩ
PROG Pullup Resistor
RPR
40
kΩ
0°C to +70°C
(Note 1)
4.25
4.37
4.5
Power-Fail Warning Voltage
VPFW
-40°C to +85°C
(Notes 1, 12)
4.1
4.37
4.6
V
0°C to +70°C
(Note 1)
4.00
4.12
4.25
Minimum Operating Voltage
VCCMIN
-40°C to +85°C
(Notes 1, 12)
3.85
4.09
4.25
V
Operating Voltage
VCC
(Note 1)
VCCMIN
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com