Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD480 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PD480
Description  High Speed, Narrow Acceptance Photodiodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PD480 Datasheet(HTML) 1 Page - Sharp Corporation

  PD480 Datasheet HTML 1Page - Sharp Corporation PD480 Datasheet HTML 2Page - Sharp Corporation PD480 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
PD480PI/PD480PI1
s Features
3. Compact
s Applications
1. Game machines
2. Optoelectronic switches
3. Infrared remote controllers for TVs,
*1 For 3 seconds at the position of 2.5mm from the
at RL=1k
Ω )
VCRs, audio equipment, air conditioners,
etc.
surface of resin edge
Parameter
Symbol
Rating
Unit
Reverse voltage
V R
20
V
Power dissipation
P
75
mW
Operating temperature
T opr
- 25 to + 85
˚C
Storage temperature
T stg
- 40 to + 85
˚C
*1 Soldering temperature
T sol
260
˚C
High Speed, Narrow
Acceptance Photodiodes
2. Narrow acceptance(
∆θ : TYP. ± 20˚ )
*2 E V: Illuminance by CIE standard light source A(tungsten lamp)
0.75
1.15
1.7
1.7
1.15
0.75
2.54
2.8
2.8
2.54
PD480PI1
2- C0.5
2- 0.4
2-C0.5
1.0
2- 0.4
s Outline Dimensions
(Unit: mm )
Parameter
Symbol
Conditions
*2Short circuit current
ISC
EV
Dark current
Id
VR= 10V, E V=0
Terminal capacitance
Ct
VR= 0, f= 1MHz
Peak sensitivity wavelength
λ p
Response time
t r , t f RL=1k
Ω , V R= 10V
Half intensity angle
∆θ
s Absolute Maximum Ratings
(Ta = 25˚C)
s Electro-optical Characteristics
(Ta= 25˚C)
PD480PI
12
2
1 Anode
2 Cathode
12
1
2
1 Anode
2 Cathode
1
Transparent epoxy resin
Transparent epoxy resin
0.15
0.15
PD480PI/PD480PI1
MIN. TYP. MAX. Unit
1.0
1.7
2.4
µ A
-
-
10
nA
-
4.0
10
pF
-
-
950
-nm
-
100 250
ns
-
-
±20
-
60 ˚
1.6
60 ˚
1.6
˚
3.0± 0.2
R0.8 ± 0.1
3.0± 0.2
R0.8 ± 0.1
1. High speed response( tr, t f: TYP. 100ns
4. Lead forming type ( PD480PI1)
= 100 lx


Similar Part No. - PD480

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PD481 SHARP-PD481 Datasheet
40Kb / 3P
High Speed, High Sensitivity Photodiode
PD481PI SHARP-PD481PI Datasheet
40Kb / 3P
High Speed, High Sensitivity Photodiode
PD481PI SHARP-PD481PI Datasheet
64Kb / 4P
High Speed, High Sensitivity Photodiode
PD481PIE000F SHARP-PD481PIE000F Datasheet
64Kb / 4P
High Speed, High Sensitivity Photodiode
logo
Anaren Microwave
PD4859J5050S2 ANAREN-PD4859J5050S2 Datasheet
224Kb / 6P
Ultra Low Profile 0805 Power Divider 50廓 to 50廓
More results

Similar Description - PD480

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3122 NTE-NTE3122 Datasheet
19Kb / 2P
Phototransistor Silicon NPN, Narrow Acceptance, High Sensitivity, Darlington
logo
Sharp Corporation
PT480 SHARP-PT480 Datasheet
54Kb / 4P
Narrow Acceptance Phototransistor
PT481 SHARP-PT481 Datasheet
66Kb / 4P
Narrow Acceptance High Sensitivity Phototransistor
PT491 SHARP-PT491 Datasheet
66Kb / 4P
Intermediate Acceptance High Sensitivity Phototransistor
PT501 SHARP-PT501 Datasheet
63Kb / 4P
TO-18 Type Narrow Acceptance Phototransistor
logo
Agilent(Hewlett-Packard...
PDT0313-FC-A HP-PDT0313-FC-A Datasheet
96Kb / 4P
High Speed Receptacle Photodiodes
logo
PerkinElmer Optoelectro...
C30618 PERKINELMER-C30618 Datasheet
243Kb / 6P
High-Speed InGaAs PIN Photodiodes
logo
Sharp Corporation
PT431 SHARP-PT431 Datasheet
153Kb / 4P
NARROW ACCEPTANCE, HIGH SENSITIVITY PHOTOTRANSISTOR
PT430 SHARP-PT430 Datasheet
154Kb / 4P
Narrow Acceptance Phototransistor
logo
Hamamatsu Corporation
S5971 HAMAMATSU-S5971 Datasheet
116Kb / 4P
High-speed photodiodes (S5973 series: 1.5 GHz)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com