Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD480 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PD480
Description  High Speed, Narrow Acceptance Photodiodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PD480 Datasheet(HTML) 2 Page - Sharp Corporation

  PD480 Datasheet HTML 1Page - Sharp Corporation PD480 Datasheet HTML 2Page - Sharp Corporation PD480 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PD480PI/PD480PI1
0
10
-25
20
30
40
50
60
70
80
0
25
50
75
100
-30
0
20
40
60
80
100
5
5
5
5
5
0.1
0.2
0.5
1
2
5
10
20
50
100
0
1
2
3
4
5
6
f = 1MHz
30
40
50
60
70
80
90
100
400
500
600
700
800
900
A
GL480
PD480Pl
- 25
0
25
50
75
100
0
20
40
60
80
100
120
140
160
75
85
20
10
0
Fig. 1 Power Dissipation vs.
Fig. 2 Spectral Sensitivity
Ambient Temperature Ta (˚C)
Wavelength
λ ( nm )
Fig. 3 Dark Current vs.
Fig. 4 Dark Current vs. Reverse Voltage
10 -6
10 -7
10 -8
10 -9
10 -10
10 -11
10 -12
Ambient temperature Ta (˚C)
10 -8
10 -9
10 -10
10 -11
10 -12
10 -13
10-3
10-2
10-1
10
102
Fig. 5 Terminal Capacitance vs.
Ambient Temperature
Ambient Temperature
Reverse Voltage
Reverse voltage VR (V)
Reverse voltage VR (V)
Ambient temperature Ta (˚C)
VR = 10V
5
Fig. 6 Relative Output vs. Ambient Temperature
Distance between infrared light
emitting diode and photodiode shall
be fixed when I sc =25 µ A at I F = 20mA
Ta = 25˚C
and T a= 25˚C.
Ta = 25˚C
Ta = 25˚C
1000
1100
1200
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com