Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ1CF2 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PQ1CF2
Description  TO-220 Package Chopper Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1CF2 Datasheet(HTML) 3 Page - Sharp Corporation

  PQ1CF2 Datasheet HTML 1Page - Sharp Corporation PQ1CF2 Datasheet HTML 2Page - Sharp Corporation PQ1CF2 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Chopper Regulators
PQ1CF2
s Step Down Type Circuit Diagram (5V output)
VIN
8 to 35V
RS
CS
CIN
100
µF
CO
470
µF
D R1
1k
Ω
R2
3k
Ω
VO=5V
+
+
q
3
q
4
q
1
q
2
q
5
L
210
µH
ON/OFF control RS=<50k
Ω
PQ1CF2
s Polarity Inversion Type Circuit Diagram (-5V output)
RS
CS
VO=-5V
VIN
5 to 30V
CIN
100
µF
CO
2200
µF
D R1
1k
Ω
R2
3k
Ω
+
+
q
3
q
4
q
1
q
2
q
5
L
130
µH
ON/OFF control
RS=<50k
Ω
PQ1CF2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com