Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ1CF2 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ1CF2
Description  TO-220 Package Chopper Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1CF2 Datasheet(HTML) 1 Page - Sharp Corporation

  PQ1CF2 Datasheet HTML 1Page - Sharp Corporation PQ1CF2 Datasheet HTML 2Page - Sharp Corporation PQ1CF2 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
“ In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices
shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
Chopper Regulators
PQ1CF2
PQ1CF2
s Outline Dimensions
(Unit : mm)
s Features
¡Maximum switching current : 1.5A
¡Built-in ON/OFF control function
¡Built-in soft start function
¡Built-in oscillation circuit
(oscillation frequency : TYP.100kHz)
¡Built-in overheat protection, overcurrent protection function
¡TO-220 package
¡Variable output voltage
(1.26 to 35V/-1.26 to-30V)
[Possible to choose step down output/inversing output according
to external connection circuit]
s Applications
¡Switching power supplies
¡Facsimiles
¡Printers
¡Personal computers
TO-220 Package Chopper Regulator
PQ1CF2
1 VIN
2 VOUT
3 COM
4 OADJ
5 ON/OFF control
terminal (VC)
10.2MAX
φ3.2±0.1
5-0.8±0.1
4-(1.7)
4.5±0.2
2.8±0.2
3.2±0.5
q
1
q
2
q
3
q
4
q
5
(5.0)
8.2±0.7
(0.5)
(1.5)
Parameter
Symbol
Rating
Unit
VIN
VADJ
Vi-o
VOUT
VC
ISW
PD1
PD2
Tj
Topr
Tstg
Tsol
40
7
41
-1
-0.3 to 40
1.5
1.5
15
150
-20 to +80
-40 to +150
260 (For 10s)
V
V
V
V
V
A
W
W
˚C
˚C
˚C
˚C
Input voltage
Error input voltage
Input-output voltage
Output-COM voltage
ON/OFF control valtage
Switching current
Power dissipation (No heat sink)
Power dissipation (With infinite heat sink)
Junction temperature
Operating temperature
Storage temperature
Soldering temperature
*1
*2
*3
*4
*1 Voltage between VIN terminal and COM terminal.
*2 Voltage between VOUT terminal and COM terminal.
*3 Voltage between VC terminal and COM terminal.
*4 Overheat protection may operate at 125=<Tj=<150˚C
s Absolute Maximum Ratings
(Ta=25˚C)
· Please refer to the chapter“ Handling Precautions ”.


Similar Part No. - PQ1CF2

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1CF1 SHARP-PQ1CF1 Datasheet
28Kb / 3P
TO-220 Package Chopper Regulator
More results

Similar Description - PQ1CF2

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1CF1 SHARP-PQ1CF1 Datasheet
28Kb / 3P
TO-220 Package Chopper Regulator
PQ2CF1 SHARP-PQ2CF1 Datasheet
28Kb / 3P
TO-220 Package, Step Up Output Chopper Regulator
PQ1CG3032FZ SHARP-PQ1CG3032FZ Datasheet
90Kb / 8P
TO 220 TYPE CHOPPER REGULATOR
PQ1CG2032FZ SHARP-PQ1CG2032FZ Datasheet
69Kb / 6P
TO-220 Type Chopper Regulators
PQ1CG21H2FZ SHARP-PQ1CG21H2FZ_01 Datasheet
69Kb / 6P
Chopper Regulators TO-220 Type Chopper Regulators
PQ1CG38M2FZ SHARP-PQ1CG38M2FZ Datasheet
92Kb / 6P
TO-220 Type Chopper Regulator, built-in 300kHz oscillation circuit
PQ1CZ41H2ZXH SHARP-PQ1CZ41H2ZXH Datasheet
159Kb / 5P
TO-220 Type Chopper Regulator, built-in 300kHz oscillation circuit
PQ2CF1 SHARP-PQ2CF1_01 Datasheet
75Kb / 5P
TO-220 Package, Step Up Output Chopper Regulator
PQ1CG41H2FZH SHARP-PQ1CG41H2FZH Datasheet
144Kb / 5P
TO-220 Type Chopper Regulator Built-in 300kHz oscillation circuit
PQ1CG2032FZH SHARP-PQ1CG2032FZH Datasheet
147Kb / 5P
TO-220 Type Chopper Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com