Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BAS40
Description  Surface Mount Schottky Barrier Single/Double Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAS40 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BAS40 Datasheet HTML 1Page - Diotec Semiconductor BAS40 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS40, BAS40-04, BAS40-05, BAS40-06
BAS40, BAS40-04, BAS40-05, BAS40-06
Surface Mount Schottky Barrier Single/Double Diodes
Schottky-Barrier Einzel-/Doppel-Dioden für die Oberflächenmontage
Version 2005-06-21
Dimensions - Maße [mm]
Power dissipation – Verlustleistung
310 mW
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
40 V
Plastic case
Kunststoffgehäuse
SOT-23
(TO-236)
Weight approx. – Gewicht ca.
0.01 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
per diode / pro Diode
BAS40-series
Power dissipation – Verlustleistung 1)Ptot
310 mW 2)
Max. average forward current (dc)
Dauergrenzstrom
IFAV
200 mA 2)
Repetitive peak forward current
Periodischer Spitzenstrom
IFRM
300 mA 2)
Non repetitive peak forward surge current
Stoßstrom-Grenzwert
tp ≤ 1 s
IFSM
0.6 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM
40 V
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Forward voltage 3)
Durchlass-Spannung 3)
IF = 1 mA
IF = 10 mA
IF = 40 mA
VF
VF
VF
< 380 mV
< 500 mV
< 1.00 V
Leakage current
Sperrstrom
VR = 30 V
VR = 40 V
IR
IR
< 200 nA
< 10 µA
Max. junction capacitance – Max. Sperrschichtkapazität
VR = 0 V, f = 1 MHz
CT
5 pF
Reverse recovery time – Sperrverzug
IF = 10 mA über/through IR = 10 mA bis/to IR = 1 mA
trr
< 5 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 400 K/W 2)
1
Total power dissipation of both diodes − Summe der Verlustleistungen beider Dioden
2
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
3
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
© Diotec Semiconductor AG
http://www.diotec.com/
1
1.9
Type
Code
3
2
1
0.4
2.9 ±0.1
1.1


Similar Part No. - BAS40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS40 PHILIPS-BAS40 Datasheet
58Kb / 8P
Schottky barrier double diodes
1999 Apr 28
logo
Siemens Semiconductor G...
BAS40 SIEMENS-BAS40 Datasheet
108Kb / 5P
Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS40 SIEMENS-BAS40 Datasheet
96Kb / 4P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection)
logo
Diodes Incorporated
BAS40 DIODES-BAS40 Datasheet
155Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11006 Rev. 12 - 2
logo
General Semiconductor
BAS40 GE-BAS40 Datasheet
51Kb / 2P
Schottky Diodes
More results

Similar Description - BAS40

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BAS40 DIOTEC-BAS40 Datasheet
248Kb / 2P
Surface mount Schottky-Barrier Single-/ Double-Diodes
BAS70 DIOTEC-BAS70 Datasheet
76Kb / 2P
Surface mount Schottky-Barrier Single-/ Double-Diodes
BAT54 DIOTEC-BAT54 Datasheet
262Kb / 2P
Surface mount Schottky-Barrier Single-/ Double-Diodes
BAT54W DIOTEC-BAT54W Datasheet
384Kb / 2P
Surface mount Schottky-Barrier Double-Diodes
BAS70 DIOTEC-BAS70_10 Datasheet
149Kb / 2P
Surface Mount Schottky Barrier Single/Dual Diodes
BAT54 DIOTEC-BAT54_11 Datasheet
162Kb / 2P
Surface Mount Schottky Barrier Single/Dual Diodes
logo
Shenzhen Luguang Electr...
RB548W LUGUANG-RB548W Datasheet
250Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103ATW LUGUANG-SD103ATW Datasheet
294Kb / 2P
Surface Mount Schottky Barrier Diodes
logo
Diotec Semiconductor
BAT54W DIOTEC-BAT54W Datasheet
149Kb / 2P
Surface Mount Schottky-Barrier Double-Diodes
BAS40 DIOTEC-BAS40_15 Datasheet
153Kb / 2P
Surface Mount Schottky Barrier Single/Double Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com