Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BAS40
Description  Surface Mount Schottky Barrier Single/Double Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAS40 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BAS40 Datasheet HTML 1Page - Diotec Semiconductor BAS40 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BAS40, BAS40-04, BAS40-05, BAS40-06
Pinning – Anschlussbelegung
Marking – Stempelung
Single Diode
Einzeldiode
1 = A
2 = n.c./frei
3 = C
BAS40 = 43
Dual diode, series connection
Doppeldiode, Reihenschaltung
1 = A1
2 = C2
3 = C1/A2
BAS40-04 = 44
Dual diode, common cathode
Doppeldiode, gemeinsame Katode
1 = A1
2 = A2
3 = C1/C2
BAS40-05 = 45
Dual diode, common anode
Doppeldiode, gemeinsame Anode
1 = C1
2 = C2
3 = A1/A2
BAS40-06 = 46
2
http://www.diotec.com/
© Diotec Semiconductor AG
[%]
P
tot
Power dissipation versus ambient temperature )
Verlustleistung in Abh. von der Umgebungstemp. )
1
1
120
100
80
20
0
0150
50
100
T
A
[°C]
60
40
2
1
3
2
3
1
2
1
3
2
1
3
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
V
F
[V] 1.4
1.0
0.8
0.6
0.4
0
[A]
I
F
10-4
10-3
10-2
10-1
1
T = 25°C
j



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com