Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S11MS3 Datasheet(PDF) 2 Page - Sharp Corporation

Part # S11MS3
Description  High Density Surface Mount Type Mini-flat Package Phototriac Coupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S11MS3 Datasheet(HTML) 2 Page - Sharp Corporation

  S11MS3 Datasheet HTML 1Page - Sharp Corporation S11MS3 Datasheet HTML 2Page - Sharp Corporation S11MS3 Datasheet HTML 3Page - Sharp Corporation S11MS3 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S11MS3/S21MS3/S21MS4
s Electro-optical Characteristics
(Ta= 25˚C)
Parameter
Forward voltage
Reverse current
Repetitive peak OFF-state current
ON-state voltage
Holding current
Critical rate of rise of OFF-state voltage
Zero-cross
voltage
S21MS4
Minimum trigger current
Isolation resistance
Turn-on time
S11MS3/S21MS3
S21MS4
Input
Output
Transfer
charac-
teristics
2
V DRM = 1/
• Rated
Symbol
MIN.
TYP.
MAX.
Unit
VF
-
1.2
1.4
V
IR
--
10
µA
I DRM
--
1
µA
VT
-
-
2.5
V
IH
0.1
-
3.5
mA
100
-
V/
µ s
VOX
-
-
35
V
I FT
-
-
10
mA
RISO
5x 1010
1011
-
Ω
t on
-
-
100
µs
--
50
VDRM = Rated
IT = 0.05A
VD =6V
VD = 6V, RL = 100
Ω
VD = 6V, RL = 100
Ω ,
IF = 20mA
Conditions
IF = 20mA
VR =3V
0
10
-30
0
50
100
20
30
40
50
60
Fig. 1 RMS ON-state Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
- 30
0
0
50
100
10
20
30
40
50
60
Fig. 2 Forward Current vs.
Ambient Temperature
12
10
8
6
4
2
100
80
60
40
20
0
0
-30
(S11MS3/S21MS3)
Ambient temperature T a (˚C)
V D =6V
R L = 100Ω
Fig. 3 Forward Current vs.
Forward Voltage
Ambient temperature T a (˚C)
Fig. 4-a Minimum Trigger Current vs.
Ambient Temperature
200
10
5
2
1
0
0.5
1.0
1.5
2.5
3.0
2.0
100
20
50
75˚C
50˚C
25˚C
0˚C
- 30˚C
T a = 100˚C
1 000
DC500V, 40 to 60% RH
IF = 15mA, Resistance load
dV/dt
Forward voltage V F (V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com