Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S11MS3 Datasheet(PDF) 3 Page - Sharp Corporation

Part # S11MS3
Description  High Density Surface Mount Type Mini-flat Package Phototriac Coupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S11MS3 Datasheet(HTML) 3 Page - Sharp Corporation

  S11MS3 Datasheet HTML 1Page - Sharp Corporation S11MS3 Datasheet HTML 2Page - Sharp Corporation S11MS3 Datasheet HTML 3Page - Sharp Corporation S11MS3 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S11MS3/S21MS3/S21MS4
- 30
0.7
0
20406080
100
0.8
0.9
1.0
1.1
1.2
1.3
Voltage vs. Ambient Temperature
(S11MS3/S21MS3)
- 30
0
20406080
100
0.7
0.8
0.9
1.0
1.1
1.2
1.3
Ambient temperature T a (˚C)
(S21MS4)
0.8
1.0
- 30
0
20
100
1.2
1.4
1.6
1.8
2.0
40
60
80
S21MS4
S11MS3
S21MS3
Ambient Temperature
Ambient temperature T a (˚C)
IT = 50mA
- 30
0
20406080
100
0.2
1
0.1
0.5
2
5
10
Ambient temperature T a (˚C)
V D =6V
100
0.1
0.2
0.5
1
2
5
80
60
40
20
0
10
- 30
Ambient temperature T a (˚C)
VD =6V
Ambient temperature T a (˚C)
perature
(S11MS3/S21MS3)
perature
(S21MS4)
Fig. 5-a Relative Repetitive Peak OFF-state
Fig. 6 ON-state Voltage vs.
Fig. 5-b Relative Repetitive Peak OFF-state
Voltage vs. Ambient Temperature
Fig. 7-a Holding Current vs. Ambient Tem-
Fig. 7-b Holding Current vs. Ambient Tem-
100
80
60
40
20
0
- 30
14
12
8
6
4
2
0
10
Ambient temperature T a (˚C)
Fig. 4-b Minimum Trigger Current vs.
Ambient Temperature
(S21MS4)
VD =6V
RL = 100Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com