Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSOB4518 Datasheet(PDF) 2 Page - Canopus Electronics (H.K.) Ltd.

Part # CSOB4518
Description  Electret Condenser Microphone (ECM)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CSOB4518 Datasheet(HTML) 2 Page - Canopus Electronics (H.K.) Ltd.

  CSOB4518 Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd. CSOB4518 Datasheet HTML 2Page - Canopus Electronics (H.K.) Ltd. CSOB4518 Datasheet HTML 3Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electret
Condenser Microphone (ECM)
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
CO4012
CO4015
CO4530
CO5822
CO6012
CO6015
CO6016
CO6018
CO6022
CO6027
CO6030
CO6035
CO6050
CO8050
CO9465
CO9745
CO9750
CO9767
CO1055
Diameter
(mm)
Height
(mm)
Max
Current
( mA )
Frequency
Range
(Hz)
CO4012/ C4012- F
CO4015/CO4015-F
CO4530
CO5822 - F
CO6012
CO6015
CO6016/CO6016-F
CO6018
CO6022
CO6027
CO6030
CO6035
CO6050
CO8050
CO9465
CO9745/CO9745-F
CO9750
CO9767
CO1055 - F
1.2
1.5
3
2.2
1.2
1.5
1.6
1.8
2.2
2.7
3
3.5
5
5
6.5
4.5
5
6.7
5.5
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3 , 4.5
1.5 , 2 , 3 , 4.5
1.5 , 2 , 3 , 4.5
1.5 , 2 , 3 , 4.5
1.5 , 2 , 3 , 4.5
1.5 , 2 , 3 , 4.5
1.5 , 2 , 3 , 4.5
2.2 K
2.2 K
2.2 K
2.2 K
2.2 K
2.2 K
2.2 K
2.2 K
2.2 K
2.2 K
1K , 1.5K , 2.2 K
1K , 1.5K , 2.2 K
1K , 1.5K , 2.2 K
1K , 1.5K , 2.2 K
680,1K,1.5K,2.2K
680,1K,1.5K,2.2K
680,1K,1.5K,2.2K
680,1K,1.5K,2.2K
680,1K,1.5K,2.2K
( -42 , -44 , -46 ) 3
±
( -42 , -44 , -46 ) 3
±
( -42 , -44 , -46 , 50 ) 3
±
( -40 , -42 , -44 , 46 ) 3
±
( -40 , -42 , -44 , 46 ) 3
±
( -40 , -42 , -44 , 46 ) 3
±
( -40 , -42 , -44 , 46 ) 3
±
( -40 , -42 , -44 , 46 ) 3
±
(-36,-38,-40,-42,-44,46) 3±
(-36,-38,-40,-42,-44,46) 3±
(-36,-38,-40,-42,-44,46) 3±
(-36,-38,-40,-42,-44,46) 3±
(-36,-38,-40,-42,-44,46) 3±
(-36,-38,-40,-42,-44,46) 3±
(-36,-38,-40,-42,-44,46) 3±
(-36,-38,-40,-42,-44,46) 3±
(-36,-38,-40,-42,-44,46) 3±
(-36,-38,-40,-42,-44,46) 3±
( -38 , -40 , - 42 , -44 , 46 ) 3
±
Canopus Part no.
Sensitivity
at 1K Hz
( 0dB = 1V/Pa )
Resistance
Loading
( RL ) ( )
SN Ratio
( dB )
Housing
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
> 60
> 60
> 60
> 60
> 60
> 60
> 60
> 60
> 60
> 60
> 60
> 60
> 60
> 60
> 60
> 60
> 60
> 60
> 60
Aluminum
Aluminum
Aluminum
Aluminum
Aluminum
Aluminum
Aluminum
Aluminum
Aluminum
Aluminum
Aluminum
Aluminum
Aluminum
Aluminum
Aluminum
Aluminum
Aluminum
Aluminum
Aluminum
BullEye,SolderPad,Leadwire,Pin
BullEye,SolderPad,Leadwire,Pin
BullEye,SolderPad,Leadwire,Pin
BullEye,SolderPad,Leadwire,Pin
BullEye,SolderPad,Leadwire,Pin
BullEye,SolderPad,Leadwire,Pin
BullEye,SolderPad,Leadwire,Pin
BullEye,SolderPad,Leadwire,Pin
BullEye,SolderPad,Leadwire,Pin
BullEye,SolderPad,Leadwire,Pin
Solder Pad , Leadwire , Pin
Solder Pad , Leadwire , Pin
Solder Pad , Leadwire , Pin
Solder Pad , Leadwire , Pin
Solder Pad , Leadwire , Pin
Solder Pad , Leadwire , Pin
Solder Pad , Leadwire , Pin
Solder Pad , Leadwire , Pin
Solder Pad , Leadwire , Pin
Standard
Power Supply
( Vs ) ( V )
Terminal
100 - 10000
100 - 10000
50 - 16000
50 - 16000
100 - 10000
50 - 16000
50 - 16000
50 - 16000
50 - 16000
50 - 16000
50 - 16000
50 - 16000
50 - 16000
50 - 16000
50 ~ 16000
50 ~ 16000
50 ~ 16000
50 ~ 16000
50 - 16000
4
4
4.5
5.8
6
6
6
6
6
6
6
6
6
8
9.4
9.7
9.7
9.7
10
P 9 0
P 9 0
P 9 0
P 9 0
P 9 0
P 9 0
P 9 0
P 9 0
P 9 1
P 9 1
P 9 1
P 9 1
P 9 1
P 9 1
P 9 1
P 9 1
P 9 1
P 9 1
P 9 1
Omni-Directional
Back Electrect
COB3015
COB4015
CSOB4518
CSOB4818
CSOB5018
COB6022
COB6027
COB6035
COB6050
CSOB6416
CSOB6016
COB3015
COB4015
CSOB4518 - F
CSOB4818 - F
CSOB5018 - F
COB6022
COB6027
COB6035
COB6050
CSOB6416 - F
CSOB6016 - F
1.5
1.5
1.8
1.8
1.8
2.2
2.7
3.5
5
1.6
1.6
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3 , 4.5
1.5 , 2 , 3
1.5 , 2 , 3
2.2 K
2.2 K
2.2 K
2.2 K
2.2 K
2.2 K
2.2 K
1K , 1.5K , 2.2 K
1K , 1.5K , 2.2 K
2.2 K
2.2 K
( -4 2 , -4 4 , -4 6 ) 3
±
( -4 2 , -4 4 , -4 6 ) 3
±
( -4 2 , -4 4 , -4 6 ) 3
±
( -4 2 , -4 4 , -4 6 ) 3
±
( -4 2 , -4 4 , -4 6 ) 3
±
( -36, -38, -40, - 42, -44, 46) 3
±
( -36, -38, -40, - 42, -44, 46) 3
±
( -36, -38, -40, - 42, -44, 46) 3
±
( -36, -38, -40, - 42, -44, 46) 3
±
( -4 2 , -4 4 , -4 6 ) 3
±
( -4 2 , -4 4 , -4 6 ) 3
±
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
> 60
> 60
> 60
> 60
> 55
> 60
> 60
> 60
> 60
> 60
> 60
Alum inum
Alum inum
Alum inum
Alum inum
Alum inum
Alum inum
Alum inum
Alum inum
Alum inum
Alum inum
Alum inum
Solder Pad , Leadw ire
Bull Eye, Solder Pad , Leadwire, Pin
SM D
SM D
SM D
Bull Eye, Solder Pad , Leadwire, Pin
Bull Eye, Solder Pad , Leadwire, Pin
Solder Pad , Leadw ire , Pin
Solder Pad , Leadw ire , Pin
SM D
SM D
100 - 10000
100 - 10000
50 - 16000
50 - 16000
50 - 16000
50 - 16000
50 - 16000
50 - 16000
50 - 16000
50 - 16000
50 - 16000
3
4
4.5
4.8x4.8
5x4.2
6
6
6
6
6.4x6.4
6
P 9 0
P 9 0
P 9 0
P 9 0
P 9 0
P 9 1
P 9 1
P 9 1
P 9 1
P 9 1
P 9 1
Diameter
(mm)
Height
(mm)
Max
Current
( mA )
Frequency
Range
(Hz)
Canopus Part no.
Sensitivity
at 1K Hz
( 0dB = 1V/Pa )
Resistance
Loading
( RL ) ( )
SN Ratio
( dB )
Housing
Standard
Power Supply
( Vs ) ( V )
Terminal



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com