Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSOB4518 Datasheet(PDF) 3 Page - Canopus Electronics (H.K.) Ltd.

Part # CSOB4518
Description  Electret Condenser Microphone (ECM)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CSOB4518 Datasheet(HTML) 3 Page - Canopus Electronics (H.K.) Ltd.

  CSOB4518 Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd. CSOB4518 Datasheet HTML 2Page - Canopus Electronics (H.K.) Ltd. CSOB4518 Datasheet HTML 3Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Silicon & Electret
Condenser Microphone (ECM)
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
Uni-Directional
Back Electrect
Canopus Part no.
F re q u e n cy
R a n g e
(H z)
M a x .
C u r r e n t
( m A )
S e n s i t i v i t y a t 1 K H z
( 0 d B = 1 V / P a )
S N
R a tio
(d B )
C U 5842
C U 6022
C U 6030
C U 6035
C U 6050
C U 8050
C U 9745
C U 9750
C U 5842
C U 6022
C U 6030
C U 6035
C U 6050
C U 8050
C U 9745
C U 9750
4.2
2.2
3
3.5
5
5
4.5
5
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5, 2 , 3 ,
4.5
1.5, 2 , 3 ,
4.5
2K
2.2K
2.2K
2.2K
2.2K
2.2K
680 , 1K ,
1.5K , 2.2 K
680 , 1K ,
1.5K , 2.2 K
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
100 ~ 10000
100 ~ 10000
100 ~ 10000
100 ~ 10000
100 ~ 10000
100 ~ 10000
100 ~ 10000
100 ~ 10000
> 55
> 55
> 55
> 55
> 55
> 55
> 55
> 55
P 9 0
P 9 1
P 9 1
P 9 1
P 9 1
P 9 1
P 9 1
P 9 1
Standard
Power Supply
( Vs ) ( dB )
R e s i s t a n c e
L o a d i n g
(
)
( R L )
Canopus Part no.
F re q u e n cy
R a n g e
(H z)
M a x .
C u r r e n t
( m A )
S e n s itiv ity a t 1 K H z
( 0 d B = 1 V / P a )
S N
R a tio
(d B )
C N4530
C N6022
C N6027
C N6035
C N6050
C N9750
C N4530
C N6022
C N6027
C N6035
C N6050
C N9750
3
2.2
2.7
3.5
5
5
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3
1.5 , 2 , 3 , 4.5
2.2K
2.2K
2.2K
2.2K
2.2K
680 , 1K ,
1.5K , 2.2 K
0.5
0.5
0.5
0.5
0.5
0.5
100 ~ 10000
100 ~ 10000
100 ~ 10000
100 ~ 10000
100 ~ 10000
100 ~ 10000
> 55
> 55
> 55
> 55
> 55
> 55
P 9 0
P 9 1
P 9 1
P 9 1
P 9 1
P 9 1
Standard
Power Supply
( Vs ) ( dB )
R e s is ta n c e
L o a d in g
(
)
( R L )
CSM4712
Max
Current
( mA )
Frequency
Range
(Hz)
CSM4712
2.2
2.2K
( -40 , -42 ) 3
±
Canopus Part no.
Sensitivity
at 1K Hz
( 0dB = 1V/Pa )
Resistance
Loading
( RL ) ( )
SN Ratio
( dB )
Housing
Omnidirectional
0.2 100~16000 > 55 Ni Plated Copper SMD
Directivity
Standard
Power Supply
( Vs ) ( V )
Terminal



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com