Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSMY1504 Datasheet(PDF) 1 Page - Canopus Electronics (H.K.) Ltd.

Part # CSMY1504
Description  SMD Speaker
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CSMY1504 Datasheet(HTML) 1 Page - Canopus Electronics (H.K.) Ltd.

  CSMY1504 Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD
Speaker
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
CSMY1304
CSMY1504
Sound
Output
( dB )
Rated Power
( W )
Max. Power
( W )
CSMY1504A080LQ
87
3
±
8
20%
±
0.5
0.8
Canopus Part no.
AC
Impedance
(
)
Resonance
Frequency
( f0 ) ( Hz )
Respose
Frequency
f0 ~ ( Hz )
Housing
800
800 ~ 20K
LCP
Terminal
Weight
( g )
SMD
1.5
Sound
Output
( dB )
Rated Power
( W )
Max. Power
( W )
CSMY1304A085LQ
88
3
±
8
20%
±
0.7
1
Canopus Part no.
AC
Impedance
(
)
Resonance
Frequency
( f0 ) ( Hz )
Respose
Frequency
f0 ~ ( Hz )
Housing
850
850 ~ 20K
LCP
Terminal
Weight
( g )
SMD
1.4


Similar Part No. - CSMY1504

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CSM VISHAY-CSM Datasheet
1Mb / 8P
Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor
3-May-11
logo
Ohmite Mfg. Co.
CSM OHMITE-CSM Datasheet
411Kb / 2P
Board Mount Heat Sink For TO-220 Devices
logo
Stackpole Electronics, ...
CSM SEI-CSM Datasheet
344Kb / 6P
Molded Metal Plate Sensing Resistor
8/17/2022
logo
BlockMaster Electronics...
CSM BLOCKMASTER-ELECTRONICS-CSM Datasheet
127Kb / 1P
This specification applies to – CSFXX001 - Plug
6/11/2017
CSM BLOCKMASTER-ELECTRONICS-CSM Datasheet
131Kb / 1P
This specification applies to – CSFXX002 - Plug
6/11/2017
More results

Similar Description - CSMY1504

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS0361KLX CUI-CMS0361KLX Datasheet
224Kb / 2P
speaker
logo
Projects Unlimited, Inc...
ADS02908MR-R PUI-ADS02908MR-R Datasheet
290Kb / 1P
Speaker
AS01708MR-SC-R PUI-AS01708MR-SC-R Datasheet
243Kb / 1P
Speaker
AS01808MR-R PUI-AS01808MR-R Datasheet
251Kb / 1P
Speaker
AS02508CO-2-WR-R PUI-AS02508CO-2-WR-R Datasheet
278Kb / 1P
Speaker
AS02804MR-R PUI-AS02804MR-R Datasheet
265Kb / 1P
Speaker
AS03008MR-R PUI-AS03008MR-R Datasheet
313Kb / 1P
Speaker
AS03508CO-7-R PUI-AS03508CO-7-R Datasheet
235Kb / 1P
Speaker
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
Loud Speaker & Notebook Speaker
logo
Bel Fuse Inc.
CLS0201MA-L152 BEL-CLS0201MA-L152 Datasheet
186Kb / 2P
SPEAKER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com