Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P600S Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # P600S
Description  Silicon Rectifier Diodes - Silizium-Gleichrichterdioden
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P600S Datasheet(HTML) 1 Page - Diotec Semiconductor

  P600S Datasheet HTML 1Page - Diotec Semiconductor P600S Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P600A ... P600U
P600A ... P600U
Silicon Rectifier Diodes – Silizium-Gleichrichterdioden
Version 2011-07-15
Dimensions - Maße [mm]
Nominal Current
Nennstrom
6 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50...1400 V
Plastic case
Kunststoffgehäuse
Ø 8 x 7.5 [mm]
P600 Style
Weight approx.
Gewicht ca.
1.3 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped in ammo pack
Standard Lieferform gegurtet in Ammo-Pack
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
P600A
50
50
P600B
100
100
P600D
200
200
P600G
400
400
P600J
600
600
P600K
800
800
P600M
1000
1000
P600S
1200
1200
P600U
1400
1400
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TA = 50°C
IFAV
6 A 1)
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
60 A 1)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
400/450 A
Rating for fusing, Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
800 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+175°C
-50...+175°C
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
Type
Ø
±0.05
1.2
Ø
±0.1
8


Similar Part No. - P600S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P600S DIOTEC-P600S Datasheet
176Kb / 2P
Silicon Rectifiers
logo
Semikron International
P600S SEMIKRON-P600S Datasheet
140Kb / 2P
Standard silicon rectifier diodes
logo
Won-Top Electronics
P600S WTE-P600S Datasheet
58Kb / 4P
6.0A STANDARD DIODE
logo
Diotec Semiconductor
P600S DIOTEC-P600S Datasheet
63Kb / 2P
Si-Rectifiers - Si-Gleichrichter
logo
Semikron International
P600S SEMIKRON-P600S Datasheet
144Kb / 2P
Standard silicon rectifier diodes
More results

Similar Description - P600S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1N4001 DIOTEC-1N4001_09 Datasheet
96Kb / 2P
Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
1N5391 DIOTEC-1N5391_09 Datasheet
95Kb / 2P
Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
1N5400 DIOTEC-1N5400_10 Datasheet
96Kb / 2P
Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
BYW27-50 DIOTEC-BYW27-50_09 Datasheet
96Kb / 2P
Silicon Rectifier Diodes - Silizium-Gleichrichterdioden
PX1500A DIOTEC-PX1500A Datasheet
98Kb / 2P
Silicon Rectifier Diodes - Silizium-Gleichrichterdioden
1N5400 DIOTEC-1N5400_13 Datasheet
97Kb / 2P
Silicon Rectifier Diodes . Silizium-Gleichrichterdioden
1N5059 DIOTEC-1N5059_14 Datasheet
96Kb / 2P
Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
6A05 DIOTEC-6A05_13 Datasheet
91Kb / 2P
Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
10A05 DIOTEC-10A05_13 Datasheet
91Kb / 2P
Silicon Rectifier Diodes . Silizium-Gleichrichterdioden
P2500T DIOTEC-P2500T_13 Datasheet
105Kb / 2P
Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com