Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S40 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # S40
Description  "Slim" Profile Surface Mount Si-Bridge-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

S40 Datasheet(HTML) 1 Page - Diotec Semiconductor

  S40 Datasheet HTML 1Page - Diotec Semiconductor S40 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S40 ... S500
S40 ... S500
“Slim” Profile Surface Mount Si-Bridge-Rectifiers
Si-Brückengleichrichter für die Oberflächenmontage mit „schlanker“ Bauhöhe
Version 2011-07-27
Dimensions - Maße [mm]
Nominal current – Nennstrom
0.8 A
Alternating input voltage
Eingangswechselspannung
40...500 V
Plastic case slim profile 1.6mm
Kunststoffgehäuse schlanke Bauhöhe 1.6mm
~ TO-269AA
MiniDIL
Weight approx.
Gewicht ca.
0.1 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Green Molding
Standard Lieferform gegurtet auf Rolle
Halogen-Free
Recognized Product – Underwriters Laboratories Inc.® File E175067
Anerkanntes Produkt – Underwriters Laboratories Inc.® Nr. E175067
Maximum ratings
Grenzwerte
Type
Typ
Max. alternating input voltage
Max. Eingangswechselspannung
VVRMS [V]
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V] 1)
S40
50
80
S80
110
160
S125
125
250
S250
250
600
S380
380
800
S500
500
1000
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
10 A 2)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
40/44 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
8 A2s
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Valid per diode – Gültig pro Diode
2
Max. temperature of the terminals TT = 100°C – Max. Temperatur der Anschlüsse TT = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
6.5
+0.2
5.1+0.2
Type
0.7
2.54
4.7±0.1
+
~
~


Similar Part No. - S40

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
S40 DIOTEC-S40 Datasheet
139Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Semikron International
S40 SEMIKRON-S40 Datasheet
156Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Diotec Semiconductor
S40 DIOTEC-S40 Datasheet
114Kb / 2P
Surface Mount Si-Bridge-Rectifiers
logo
Galaxy Semi-Conductor H...
S40 BILIN-S40 Datasheet
136Kb / 2P
GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
S40 SECOS-S40 Datasheet
218Kb / 2P
VOLTAGE 50V ~ 1000V 0.8AMP Single Phase Surface Mount Bridge Rectifiers
More results

Similar Description - S40

ManufacturerPart #DatasheetDescription
logo
Semikron International
MB2S SEMIKRON-MB2S Datasheet
205Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Diotec Semiconductor
B40S DIOTEC-B40S_10 Datasheet
106Kb / 2P
"Slim" Profile Surface Mount Si-Bridge-Rectifiers
B40S15A DIOTEC-B40S15A Datasheet
102Kb / 2P
"Slim" Profile Surface Mount Si-Bridge-Rectifiers
S40F DIOTEC-S40F_10 Datasheet
122Kb / 2P
"Slim" Profile Fast Switching Surface Mount Si-Bridge-Rectifiers
MB2S DIOTEC-MB2S Datasheet
139Kb / 2P
?쏶lim??Profile Surface Mount Si-Bridge-Rectifiers
B40FS DIOTEC-B40FS_13 Datasheet
125Kb / 2P
Slim Profile Fast switching Surface Mount Si-Bridge-Rectifiers
B40S DIOTEC-B40S_14 Datasheet
127Kb / 2P
Slim Profile Surface Mount Si-Bridge-Rectifiers
B40S-SLIM DIOTEC-B40S-SLIM Datasheet
127Kb / 2P
Slim Profile Surface Mount Si-Bridge-Rectifiers
MB2S DIOTEC-MB2S_13 Datasheet
132Kb / 2P
Slim Profile Surface Mount Si-Bridge-Rectifiers
S40 DIOTEC-S40_13 Datasheet
131Kb / 2P
Slim Profile Surface Mount Si-Bridge-Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com