Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC232LP4 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC232LP4
Description  GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC232LP4 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC232LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC232LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC232LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC232LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC232LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC232LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
11
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11 - 57
Pin Descriptions
Suggested Driver Circuit
Pin Number
Function
Description
Interface Schematic
1, 2, 6, 7, 11,
12, 13, 14, 17,
18, 19, 20, 24
N/C
The pins are not connected internally; however, all data shown
herein was measured with these pins connected to RF/DC
ground externally.
3, 5, 8,
10, 21, 23
GND
Package bottom must also
be connected to PCB RF ground.
4, 9, 22
RFC, RF1, RF2
This pin is DC coupled and matched to 50 Ohm. Blocking
capacitors are required if RF line potential is not equal to 0V.
15
B
See truth table and control voltage table.
16
A
See truth table and control voltage table.
HMC232LP4 / 232LP4E
GaAs MMIC SPDT NON-REFLECTIVE
SWITCH, DC - 12 GHz
v04.0110



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com