Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC232LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC232LP4
Description  GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC232LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC232LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC232LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC232LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC232LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC232LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC232LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
11
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11 - 54
HMC232LP4 / 232LP4E
GaAs MMIC SPDT NON-REFLECTIVE
SWITCH, DC - 12 GHz
v04.0110
General Description
Features
Functional Diagram
The HMC232LP4(E) is a broadband high isolation
non-reflective GaAs MESFET SPDT switch in a low
cost leadless QFN surface mount plastic package.
Covering DC to 12 GHz, the switch features >60
dB isolation up to 3 GHz and >42 dB isolation up to
12 GHz. Input P1dB compression is +27 dBm typ-
ical, while input IP3 is +50 dBm. The switch operates
using complementary negative control voltage logic
lines of -5/0V and requires no bias supply.
Isolation: 60 dB @ 3 GHz
52 dB @ 6 GHz
Input P1dB: +27 dBm
Insertion Loss: 1.5 dB Typical @ 6 GHz
Non-Reflective Design
24 Lead 4x4mm QFN Package: 16mm2
Included in the HMC-DK005 Designer’s Kit
Electrical Specifications, T
A = +25° C, With 0/-5V Control, 50 Ohm System
Typical Applications
The HMC232LP4(E) is ideal for:
• Telecom Infrastructure
• Microwave Radio & VSAT
• Military Radios, Radar & ECM
• Test Instrumentation
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 3.0 GHz
DC - 6.0 GHz
DC - 9.0 GHz
DC - 12.0 GHz
1.4
1.5
2.0
2.7
1.7
1.8
2.3
3.1
dB
dB
dB
dB
Isolation
DC - 3.0 GHz
DC - 6.0 GHz
DC - 9.0 GHz
DC - 12.0 GHz
55
47
40
37
60
52
45
42
dB
dB
dB
dB
Return Loss
“On State”
DC - 6.0 GHz
DC - 9.0 GHz
DC - 12.0 GHz
18
16
11
dB
dB
dB
Return Loss RF1, RF2
“Off State”
DC - 12.0 GHz
14
dB
Input Power for 1 dB Compression
0.5 - 12.0 GHz
24
27
dBm
Input Third Order Intercept
(Two-Tone Input Power= +7 dBm Each Tone, 1 MHz Tone Separation)
0.5 - 12.0 GHz
45
50
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC - 12.0 GHz
3
6
ns
ns


Similar Part No. - HMC232LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC232LP4 HITTITE-HMC232LP4 Datasheet
227Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12.0 GHz
HMC232LP4 HITTITE-HMC232LP4 Datasheet
329Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12.0 GHz
HMC232LP4 HITTITE-HMC232LP4_06 Datasheet
329Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12.0 GHz
More results

Similar Description - HMC232LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC232 HITTITE-HMC232 Datasheet
158Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15.0 GHz
HMC232LP4 HITTITE-HMC232LP4 Datasheet
227Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12.0 GHz
HMC347LP3 HITTITE-HMC347LP3 Datasheet
193Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14.0 GHz
HMC547LP3 HITTITE-HMC547LP3 Datasheet
228Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
HMC-C058 HITTITE-HMC-C058 Datasheet
229Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 18 GHz
HMC232 HITTITE-HMC232_09 Datasheet
207Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15 GHz
HMC547LP3E HITTITE-HMC547LP3E Datasheet
743Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Analog Devices
HMC232ALP4E AD-HMC232ALP4E Datasheet
595Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12 GHz
HMC347ALP3E AD-HMC347ALP3E Datasheet
387Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14 GHz
HMC547ALC3 AD-HMC547ALC3 Datasheet
454Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 28.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com