Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

232LP4E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # 232LP4E
Description  GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

232LP4E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  232LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 232LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 232LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 232LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 232LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 232LP4E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
11
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11 - 58
Evaluation PCB
The circuit board used in the application should
be generated with proper RF circuit design tech-
niques. Signal lines at the RF port should have
50 Ohm impedance and the package ground leads
and package bottom should be connected directly
to the ground plane similar to that shown above. The
evaluation circuit board shown above is available
from Hittite Microwave Corporation upon request.
Item
Description
J1 - J3
PCB Mount SMA RF Connector
J4 - J6
DC Pin
C1, C2
100 pF Capacitor, 0603 Pkg.
U1
HMC232LP4 / HMC232LP4E SPDT Switch
PCB [2]
107602 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
HMC232LP4 / 232LP4E
GaAs MMIC SPDT NON-REFLECTIVE
SWITCH, DC - 12 GHz
v04.0110
List of Materials for Evaluation PCB 107723 [1]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com