Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

232LP4E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # 232LP4E
Description  GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

232LP4E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  232LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 232LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 232LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 232LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 232LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 232LP4E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
11
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11 - 55
Input Third Order Intercept Point
Return Loss
0.1 and 1 dB Input Compression Point
Insertion Loss
Isolation
-6
-5
-4
-3
-2
-1
0
012
345
6
789
10
11
12
13
+25 C
+85 C
-40 C
FREQUENCY (GH )
-80
-70
-60
-50
-40
-30
-20
-10
0
123
456
7
8
9
10
11
12
13
RF1
RF2
Q
C (G
)
-25
-20
-15
-10
-5
0
012
345
6
789
10
11
12
13
RFC
RF1, RF2 ON
RF1, RF2 OFF
FREQUENCY (GH )
10
15
20
25
30
012
345
6
789
10
11
12
13
0.1 dB Compression Point
1 dB Compression Point
FREQUENCY (GHz)
30
35
40
45
50
55
60
012
345
6
789
10
11
12
13
+25 C
+85 C
-40 C
FREQUENCY (GH )
HMC232LP4 / 232LP4E
GaAs MMIC SPDT NON-REFLECTIVE
SWITCH, DC - 12 GHz
v04.0110



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com