Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS10M80CT Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS10M80CT
Description  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10M80CT Datasheet(HTML) 2 Page - STMicroelectronics

  STPS10M80CT Datasheet HTML 1Page - STMicroelectronics STPS10M80CT Datasheet HTML 2Page - STMicroelectronics STPS10M80CT Datasheet HTML 3Page - STMicroelectronics STPS10M80CT Datasheet HTML 4Page - STMicroelectronics STPS10M80CT Datasheet HTML 5Page - STMicroelectronics STPS10M80CT Datasheet HTML 6Page - STMicroelectronics STPS10M80CT Datasheet HTML 7Page - STMicroelectronics STPS10M80CT Datasheet HTML 8Page - STMicroelectronics STPS10M80CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
STPS10M80C
2/11
Doc ID 018734 Rev 1
1
Characteristics
When the two diodes 1 and 2 are used simultaneously:
ΔT
j(diode 1) = P(diode 1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
Table 2.
Absolute ratings (limiting values, per diode, at Tamb = 25 °C unless
otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
80
V
IF(RMS) Forward rms current
30
A
IF(AV)
Average forward current,
δ = 0.5
TO-220AB,
I2PAK, D2PAK
Tc = 160 °C
Tc = 160 °C
Per diode
Per device
5
10
A
TO-220FPAB
Tc = 150 °C
Tc = 140 °C
Per diode
Per device
5
10
IFSM
Surge non repetitive
forward current
tp = 10 ms sinusoidal
Tc = 25 °C
150
A
PARM
(1)
1.
For temperature or pulse time duration deratings, please refer to figure 3 and 4. More details regarding the
avalanche energy measurements and diode validation in the avalanche are provided in the application
notes AN1768 and AN2025.
Repetitive peak avalanche power
Tj = 25 °C, tp = 1 µs
4000
W
VARM
(2)
2.
See Figure 13
Maximum repetitive peak
avalanche voltage
tp < 1 µs, Tj < 150 °C, IAR < 12 A
100
V
VASM
(2)
Maximum single pulse
peak avalanche voltage
tp < 1 µs, Tj < 150 °C, IAR < 12 A
100
V
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature(3)
3.
condition to avoid thermal runaway for a diode on its own heatsink
175
°C
Table 3.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-220AB
I2PAK, D2PAK
per diode
3.10
°C/W
total
1.88
TO-220FPAB
per diode
5.90
total
4.75
Rth(c)
Coupling
TO-220AB
I2PAK, D2PAK
0.65
°C/W
TO-220FPAB
3.60
dPtot
dTj
<
1
Rth(j-a)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com