Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS10M80CT Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS10M80CT
Description  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10M80CT Datasheet(HTML) 4 Page - STMicroelectronics

  STPS10M80CT Datasheet HTML 1Page - STMicroelectronics STPS10M80CT Datasheet HTML 2Page - STMicroelectronics STPS10M80CT Datasheet HTML 3Page - STMicroelectronics STPS10M80CT Datasheet HTML 4Page - STMicroelectronics STPS10M80CT Datasheet HTML 5Page - STMicroelectronics STPS10M80CT Datasheet HTML 6Page - STMicroelectronics STPS10M80CT Datasheet HTML 7Page - STMicroelectronics STPS10M80CT Datasheet HTML 8Page - STMicroelectronics STPS10M80CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
STPS10M80C
4/11
Doc ID 018734 Rev 1
Figure 6.
Non repetitive surge peak forward
current versus overload duration
(maximum values, per diode)
Figure 7.
Non repetitive surge peak forward
current versus overload duration
(maximum values, per diode)
0
10
20
30
40
50
60
70
80
90
100
1.E-03
1.E-02
1.E-01
1.E+00
TO-220AB / I PAK / D PAK
22
I
M
t
δ = 0.5
t(s)
T = 25 °C
c
T = 75 °C
c
T = 125 °C
c
I (A)
M
0
10
20
30
40
50
60
70
1.E-03
1.E-02
1.E-01
1.E+00
TO-220FPAB
T = 25 °C
c
T = 75 °C
c
T = 125 °C
c
I
M
t
δ = 0.5
t(s)
I (A)
M
Figure 8.
Relative thermal impedance
junction to case versus pulse
duration
Figure 9.
Relative thermal impedance
junction to case versus pulse
duration (TO-220FPAB)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
TO-220AB / I PAK / D PAK
22
Z/R
th(j-c)
th(j-c)
t (s)
p
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
Z/R
th(j-c)
th(j-c)
t (s)
p
TO-220FPAB
Figure 10.
Reverse leakage current versus
reverse voltage applied
(typical values, per diode)
Figure 11.
Junction capacitance versus
reverse voltage applied
(typical values, per diode)
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
0
10
2030
40
5060
70
80
I (µA)
R
V (V)
R
T = 25 °C
j
T = 50 °C
j
T = 75 °C
j
T = 125 °C
j
T = 150 °C
j
T = 100 °C
j
10
100
1000
1
10
100
F = 1 MHz
V
= 30 mV
T = 25 °C
osc
RMS
j
C(pF)
V (V)
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com